Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 16Page - Cirrus Logic CS44600 Datasheet HTML 17Page - Cirrus Logic CS44600 Datasheet HTML 18Page - Cirrus Logic CS44600 Datasheet HTML 19Page - Cirrus Logic CS44600 Datasheet HTML 20Page - Cirrus Logic CS44600 Datasheet HTML 21Page - Cirrus Logic CS44600 Datasheet HTML 22Page - Cirrus Logic CS44600 Datasheet HTML 23Page - Cirrus Logic CS44600 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
20
DS633PP1
CS44600
3. TYPICAL CONNECTION DIAGRAMS
VD
PWMOUTA1+
PWMOUTA1-
PWMOUTB1+
PWMOUTB1-
VLC
0.1 µF
+2.5 V
to +5.0 V
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
Note: Resistors are required for
I²C control port operation
See
Note
DAI_SDIN1
DAI_SDIN3
DAI_SDIN2
DAI_LRCK
DAI_SCLK
AD0/CS
INT
Digital
Audio
Processor
Micro-
Controller
GND
DAI_MCLK
PWM IN1
OUT1
CONTROL
VD
PWMOUTA2+
PWMOUTA2-
PWMOUTB2+
PWMOUTB2-
PWMOUTA3+
PWMOUTA3-
PWMOUTB3+
PWMOUTB3-
PSR_DATA
PSR_SYNC
PSR_MCLK
CS4461
ADC
Power Supply Rail
Front Left
Surr. Left
Surr. Right
Center
Subwoofer
SYS_CLK
GPIO1
GPIO3
GPIO5
PSR_RESET
PSR_EN
PS_SYNC
Power Supply Sync Clock
MUTE
STATUS
VDX
PWM IN2
OUT2
CONTROL
Front Right
STATUS
PWM IN3
OUT3
CONTROL
STATUS
PWM IN4
OUT4
CONTROL
STATUS
PWM IN5
OUT5
CONTROL
STATUS
PWM IN6
OUT6
CONTROL
STATUS
GPIO0
GPIO6
Optional
GPIO2
GPIO4
XTAL
24.576 MHz
to 54 MHz
XTI
XTO
VLS
+2.5 V
+
10 µF
0.1 µF
0.1 µF
0.01 µF
0.01 µF
+3.3 V to
+5.0 V
0.1 µF
0.01 µF
+2.5 V to
+5.0 V
0.1 µF
0.01 µF
+3.3 V to +5.0 V
VDP
10 µF
Figure 11. Typical Full-Bridge Connection Diagram
CS44600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com