Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 18Page - Cirrus Logic CS44600 Datasheet HTML 19Page - Cirrus Logic CS44600 Datasheet HTML 20Page - Cirrus Logic CS44600 Datasheet HTML 21Page - Cirrus Logic CS44600 Datasheet HTML 22Page - Cirrus Logic CS44600 Datasheet HTML 23Page - Cirrus Logic CS44600 Datasheet HTML 24Page - Cirrus Logic CS44600 Datasheet HTML 25Page - Cirrus Logic CS44600 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
22
DS633PP1
CS44600
4. APPLICATIONS
4.1
Overview
The CS44600 is a multi-channel digital-to-PWM Class D audio system controller including interpolation,
sample rate conversion, half- and full-bridge PWM driver outputs, and power supply rejection feedback in a
64-pin LQFP package. The architecture uses a direct-to-digital approach that maintains digital signal integ-
rity to the final output filter, minimizing analog interference effects which negatively affect system perfor-
mance.
The CS44600 integrates on-chip sample rate conversion, digital volume control, peak detect with volume
limiter, de-emphasis, programmable interrupt conditions, and the ability to change the PWM switch rate to
eliminate AM frequency interference. The CS44600 also has a programmable load compensation filter,
which allows the speaker load to vary while the output filter remains fixed, maintaining a flat frequency re-
sponse. For single-ended half-bridge applications PWM Popguard® reduces the transient pops and clicks
and realtime power supply feedback reduces noise coupling from the power supply. The PWM amplifier can
achieve greater than 90% efficiency. This efficiency provides for a smaller device package, less heat sink
requirements, and smaller power supplies.
The CS44600 is ideal for audio systems requiring wide dynamic range, negligible distortion, and low noise
such as A/V receivers, DVD receivers, digital speaker, and automotive audio systems.
4.2
Feature Set Summary
Core Features
•
2.5 V digital core voltage, VD.
•
VLC voltage pin for host interface logic levels between 2.5 V and 5.0 V.
•
VLS voltage pin for digital audio interface logic levels between 2.5 V and 5.0 V.
•
VDP voltage pin for PWM backend interface logic levels between 3.3 V and 5.0 V.
•
VDX voltage pin for clock input signals between 2.5 V and 5.0 V.
Clocking
•
Minimum of 128Fs DAI_MCLK for DAI serial interface.
•
DAI interface uses automatic detection of LRCK/MCLK ratio to configure internal DAI/SRC clocks.
•
All PWM Processing clocks generated internally via:
–
An external crystal - 24.576 MHz to 54 MHz, or
–
XTI input pin capable of supporting a clock signal at the VDX voltage level.
•
Programmable divide of XTI by 1, 2, 4, 8 for SYS_CLK output.
•
Programmable divide of XTI by 32, 64, 128, 256 for PS_SYNC (power supply synchronization signal).
Digital Audio Playback
•
Supports 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz and 192 kHz sample frequencies.
•
High performance sample rate converter.
•
16, 20 and 24 bit audio sample lengths.
•
De-emphasis for 32 kHz, 44.1 kHz, 48 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com