Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 70Page - Cirrus Logic CS44600 Datasheet HTML 71Page - Cirrus Logic CS44600 Datasheet HTML 72Page - Cirrus Logic CS44600 Datasheet HTML 73Page - Cirrus Logic CS44600 Datasheet HTML 74Page - Cirrus Logic CS44600 Datasheet HTML 75Page - Cirrus Logic CS44600 Datasheet HTML 76Page - Cirrus Logic CS44600 Datasheet HTML 77Page - Cirrus Logic CS44600 Datasheet HTML 78Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
DS633PP1
75
CS44600
10.PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
---
0.55
0.063
---
1.40
1.60
A1
0.002
0.004
0.006
0.05
0.10
0.15
B
0.007
0.008
0.011
0.17
0.20
0.27
D
0.461
0.472 BSC
0.484
11.70
12.0 BSC
12.30
D1
0.390
0.393 BSC
0.398
9.90
10.0 BSC
10.10
E
0.461
0.472 BSC
0.484
11.70
12.0 BSC
12.30
E1
0.390
0.393 BSC
0.398
9.90
10.0 BSC
10.10
e*
0.016
0.020 BSC
0.024
0.40
0.50 BSC
0.60
L
0.018
0.024
0.030
0.45
0.60
0.75
∝
0.000°
4°
7.000°
0.00°
4°
7.00°
* Nominal pin pitch is 0.50 mmControlling dimension is mm.
JEDEC Designation: MS022
Figure 32. 64-Pin LQFP Package Drawing
Note: See Legend Below
64L LQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com