Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 13Page - Cirrus Logic CS44600 Datasheet HTML 14Page - Cirrus Logic CS44600 Datasheet HTML 15Page - Cirrus Logic CS44600 Datasheet HTML 16Page - Cirrus Logic CS44600 Datasheet HTML 17Page - Cirrus Logic CS44600 Datasheet HTML 18Page - Cirrus Logic CS44600 Datasheet HTML 19Page - Cirrus Logic CS44600 Datasheet HTML 20Page - Cirrus Logic CS44600 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
DS633PP1
17
CS44600
Pin Name
Pin #
Pin Description
PS_SYNC
3
Power Supply Synchronization Clock (Output) - The PWM synchronized clock to the
switch mode power supply.
XTI
5
Crystal Oscillator Input (Input) - Crystal Oscillator input or accepts an external clock
input signal that is used to drive the internal PWM core logic.
XTO
6
Crystal Oscillator Output (Output) - Crystal Oscillator output.
SYS_CLK
8
External System Clock (Output) - Clock output. This pin provides a divided down clock
derived from the XTI input.
DAI_MCLK
9
Digital Audio Input Master Clock (Input) - Master audio clock.
DAI_SCLK
10
Digital Audio Input Serial Clock (Input) - Serial clock for the Digital Audio Input Inter-
face. The clock frequency is a multiple of the Left/Right Clock running at Fs.
DAI_LRCK
11
Digital Audio Input Left/Right Clock (Input) - Determines which channel, Left or Right,
is currently active on the serial audio data line. The rate is determined by the sampling fre-
quency Fs.
DAI_SDIN1
DAI_SDIN2
DAI_SDIN3
12
13
14
Digital Audio Input Serial Data (Input) - Input for two’s complement serial audio data.
MUTE
20
Mute (Input) - The device will perform a hard mute on all channels. All internal registers
are not reset to their default settings.
SCL/CCLK
21
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an
external pull-up resistor to the logic interface voltage in I²C mode as shown in the Typical
Connection Diagram.
SDA/CDOUT
22
Serial Control Data (Input/Output) - SDA is a data I/O line in I²C mode and requires an
external pull-up resistor to the logic interface voltage, as shown in the Typical Connection
Diagram.; CDOUT is the output data line for the control port interface in SPI mode.
AD1/CDIN
23
Address Bit 1 (I²C)/Serial Control Data (SPI) (Input) - AD1 is a chip address pin in I²C
mode.;CDIN is the input data line for the control port interface in SPI mode.
AD0/CS
24
Address Bit 0 (I²C)/Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in
I²C mode; CS is the chip select signal in SPI mode.
INT
25
Interrupt Request (Output) - CMOS or open-drain interrupt request output. This pin is
driven to the configured active state to indicate that the PWM Controller has status data
that should be read by the host.
RST
26
Reset (Input) - The device enters a low power mode and all internal registers are reset to
their default settings when low.
GPIO6
29
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
GPIO5
30
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
GPIO4
31
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com