Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 3Page - Cirrus Logic CS61584A Datasheet HTML 4Page - Cirrus Logic CS61584A Datasheet HTML 5Page - Cirrus Logic CS61584A Datasheet HTML 6Page - Cirrus Logic CS61584A Datasheet HTML 7Page - Cirrus Logic CS61584A Datasheet HTML 8Page - Cirrus Logic CS61584A Datasheet HTML 9Page - Cirrus Logic CS61584A Datasheet HTML 10Page - Cirrus Logic CS61584A Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
CS61584A
DS261PP5
7
DS261PP5
ANALOG CHARACTERISTICS (Continued)
Notes: 16. Using a transformer that meets the specifications in the Applications section.
17. Measured across 75
Ω at the output of the transmit transformer for CON3/2/1/0 = 0/0/0/0.
18. Measured across 120
Ω at the output of the transmit transformer for CON3/2/1/0 = 0/0/0/1.
19. Measured at the DSX-1 Cross-Connect for line length settings CON3/2/1/0 = 0/0/1/0, 0/0/1/1, 0/1/0/0,
0/1/0/1, and 0/1/1/0 after the length of #22 ABAM cable specified in Table 1.
20. Input signal to RTIP/RRING is jitter free. Values will reduce slightly if jitter free clock is input to TCLK.
21. Transformer secondary shorted with 0.5
Ω resistor during the transmission of 100% ones.
22. At transformer secondary and measured from 10% to 90% of amplitude.
Parameter
Symbol
Min
Typ
Max
Unit
Transmitter (Continued)
AMI Output Pulse Amplitudes
(Note 16)
E1, 75
Ω
(Note 17)
E1, 120
Ω
(Note 18)
T1, DSX-1
(Note 19)
2.14
2.7
2.4
2.37
3.0
3.0
2.6
3.3
3.6
V
Recommended Transmitter Output Load (3.3 V)
(Note 16)
T1
E1, 75
Ω
E1, 120
Ω
-
-
-
24.8
18.6
30.0
-
-
-
Ω
Recommended Transmitter Output Load (5.0 V)
(Note 16)
T1
E1, 75
Ω
E1, 120
Ω
-
-
-
76.6
57.4
90.6
-
-
-
Ω
Jitter Added During Remote Loopback
10 Hz - 8 kHz
8kHz - 40 kHz
10 Hz - 40 kHz
Broad Band
(Note 20)
-
-
-
-
0.020
0.015
0.015
0.045
-
-
-
-
UI
Power in 2 kHz band about 772 kHz
(Notes 12 and 13)
(DSX-1 only)
12.6
15
17.9
dBm
Power in 2 kHz band about 1.544 MHz
(Note 12 and 13)
(referenced to power in 2 kHz band at 772 kHz, DSX-1 only)
-29
-38
-
dB
Positive to Negative Pulse Imbalance
(Notes 12 and 13)
T1, DSX-1
E1, amplitude at center fo pulse interval
E1, width at 50% of nominal amplitude
-
-5
-5
0.2
-
-
0.5
5
5
dB
%
%
Transmitter Return Loss
(Notes 12, 13, and 14)
51 kHz - 102 kHz
102 kHz - 2.048 MHz
2.048 MHz - 3.072 MHz
8
14
10
25
18
12
-
-
-
dB
E1 Short Circuit Current
5.0 V
(Note 21)
3.3 V
-
-
-
70
50
-
mArms
mArms
E1 and DSX-1 Output Pulse Rise/Fall Times
(Note 22)
-
50
-
ns
E1 Pulse Width (at 50% of peak amplitude)
-
244
-
ns
E1 Pulse Amplitude for a space
E1, 75
Ω
E1, 120
Ω
-0.237
-0.3
-
-
0.237
0.3
V
V
CS61584A
DS261F1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com