Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 30Page - Cirrus Logic CS61584A Datasheet HTML 31Page - Cirrus Logic CS61584A Datasheet HTML 32Page - Cirrus Logic CS61584A Datasheet HTML 33Page - Cirrus Logic CS61584A Datasheet HTML 34Page - Cirrus Logic CS61584A Datasheet HTML 35Page - Cirrus Logic CS61584A Datasheet HTML 36Page - Cirrus Logic CS61584A Datasheet HTML 37Page - Cirrus Logic CS61584A Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
CS61584A
34
DS261PP5
DS261PP5
10.5
Run-Test/Idle State
This is a controller state between scan operations.
Once in this state, the controller remains in the state
as long as J-TMS is held low. The instruction reg-
ister and all test data registers retain their previous
state. When J-TMS is high and a rising edge is ap-
plied to J-TCK, the controller moves to the Select-
DR state.
10.6
Select-DR-Scan State
This is a temporary controller state and the instruc-
tion does not change in this state. The test data reg-
ister selected by the current instruction retains its
previous state. If J-TMS is held low and a rising
edge is applied to J-TCK when in this state, the
controller moves into the Capture-DR state and a
scan sequence for the selected test data register is
initiated. If J-TMS is held high and a rising edge
applied to J-TCK, the controller moves to the Se-
lect-IR-Scan state.
10.7
Capture-DR State
In this state, the Boundary Scan Register captures
input pin data if the current instruction is EXTEST
or SAMPLE/PRELOAD. The instruction does not
change in this state. The other test data registers,
which do not have parallel input, are not changed.
When the TAP controller is in this state and a rising
edge is applied to J-TCK, the controller enters the
Exit1-DR state if J-TMS is high or the Shift-DR
state if J-TMS is low.
10.8
Shift-DR State
In this controller state, the test data register con-
nected between J-TDI and J-TDO as a result of the
current instruction shifts data on stage toward its
serial output on each rising edge of J-TCK. The in-
struction does not change in this state. When the
TAP controller is in this state and a rising edge is
applied to J-TCK, the controller enters the Exit1-
DR state if J-TMS is high or remains in the Shift-
DR state if J-TMS is low.
10.9
Exit1-DR State
This is a temporary state. While in this state, if J-
TMS is held high, a rising edge applied to J-TCK
causes the controller to enter the Update-DR state,
which terminates the scanning process. If J-TMS is
held low and a rising edge is applied to J-TCK, the
controller enters the Pause-DR state. The test data
register selected by the current instruction retains
its previous value and the instruction does not
change during this state.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
1
0
0
1
1
0
1
0
1
1
0
1
0
0
1
0
1
0
0
1
1
0
1
1
0
1
0
0
1
0
1
0
Figure 24. TAP Controller State Diagram
CS61584A
34
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com