Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 21Page - Cirrus Logic CS61584A Datasheet HTML 22Page - Cirrus Logic CS61584A Datasheet HTML 23Page - Cirrus Logic CS61584A Datasheet HTML 24Page - Cirrus Logic CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic CS61584A Datasheet HTML 28Page - Cirrus Logic CS61584A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
CS61584A
DS261PP5
25
DS261PP5
Latched-AIS: Set high on the rising edge of the
alarm indication signal condition. Reading the Sta-
tus register clears the Latched-AIS bit and deacti-
vates the INT pin. Refer to the timing diagram in
Figure 18.
Latched-BPV: Indicates a bipolar violation has
been received since the last read of the Status reg-
ister. Reading the Status register clears the
Latched-BPV bit and deactivates the INT pin. This
bit is set only when the line code decoder is enabled
in the Control A register.
Latched-Overflow: Indicates a waveform generat-
ed using the Arbitrary Waveform register has ex-
ceeded full scale since the last read of the Status
register. Reading the Status register clears the
Latched-Overflow bit and deactivates the INT pin.
Latched-Reset: Indicates a reset event (power-up or
RESET pin) has occurred since the last read of the
Status register. Reading the Status register clears
the Latched-Reset bit and deactivates the INT pin.
This bit is not maskable.
Latched-CLKLOST: Set high when TCLK or REF-
CLK are absent. Reading the Status register clears
the Latched-CLKLOST bit and deactivates the INT
pin.
Interrupt: Indicates a change in the Status register
since the last read. Reading the Status register
clears the Interrupt bit and deactivates the INT pin.
9.1.2
Mask Registers
The Mask registers are read-write registers and are
shown in Table 6. The Mask registers disables the
interrupts in the corresponding Status register on a
per-bit basis. Masking a Status register bit forces it
to remain at zero and prevents the INT pin from ac-
tivating on the condition.
Mask Register (Channel 1)
Serial Port Address: 0x12; Parallel Port Address: 0xY2
Bit
Description
Definition
Reset
Value
10
7
Mask LOS1
Mask Interrupt
Enable Interrupt
0
6
Mask Latched-LOS1
Mask Interrupt
Enable Interrupt
0
5
Mask AIS1
Mask Interrupt
Enable Interrupt
0
4
Mask Latched-AIS1
Mask Interrupt
Enable Interrupt
0
3
Mask Latched-BPV1
Mask Interrupt
Enable Interrupt
0
2
Mask Latched-Overflow1
Mask Interrupt
Enable Interrupt
0
1
Automatic All Ones, AAO
Ones at RPOS/NEG on LOS
Zeros at RPOS/NEG on LOS
0
0
Mask Interrupt1
Mask Interrupt
Enable Interrupt
0
Mask Register (Channel 2)
Serial Port Address: 0x13; Parallel Port Address: 0xY3
Bit
Description
Definition
Reset
Value
10
7
Mask LOS2
Mask Interrupt
Enable Interrupt
0
6
Mask Latched-LOS2
Mask Interrupt
Enable Interrupt
0
5
Mask AIS2
Mask Interrupt
Enable Interrupt
0
4
Mask Latched-AIS2
Mask Interrupt
Enable Interrupt
0
3
Mask Latched-BPV2
Mask Interrupt
Enable Interrupt
0
2
Mask Latched-Overflow2
Mask Interrupt
Enable Interrupt
0
1
Mask Latched-CLKLOST
Mask Interrupt
Enable Interrupt
0
0
Mask Interrupt2
Mask Interrupt
Enable Interrupt
0
Table 6. Mask Registers
CS61584A
DS261F1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com