Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 14Page - Cirrus Logic CS61584A Datasheet HTML 15Page - Cirrus Logic CS61584A Datasheet HTML 16Page - Cirrus Logic CS61584A Datasheet HTML 17Page - Cirrus Logic CS61584A Datasheet HTML 18Page - Cirrus Logic CS61584A Datasheet HTML 19Page - Cirrus Logic CS61584A Datasheet HTML 20Page - Cirrus Logic CS61584A Datasheet HTML 21Page - Cirrus Logic CS61584A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
CS61584A
18
DS261PP5
DS261PP5
The transmitter impedance changes with the line
length options in order to match the load imped-
ance (75
Ω for E1 coax, 100 Ω for T1, 120 Ω for
E1 shielded twisted pair), providing a minimum of
14 dB return loss for T1 and E1 frequencies during
the transmission of both marks and spaces. This
improves signal quality by minimizing reflections
from the transmitter. Impedance matching also re-
duces load power consumption by a factor of two
when compared to the return loss achieved by using
external resistors.
The CS61584A driver will automatically detect an
inactive TLCK (i.e., no data clocked to the driver)
or REFCLK input. When either of these conditions
are detected the driver is forced to the tristate (high-
impedance) condition. If the jitter attenuator is in
the transmit path, the driver will tristate after 170 to
182 TCLK clock cycles. If the attenuator is not in
the transmit path, the driver will tristate after 4 to
12 TCLK clock cycles. During Host mode opera-
tion, the CLKLOST bit in the Status register goes
high to indicate when the driver is tristated due to
the absence of TCLK or REFCLK. The driver exits
the tristate condition when four clock cycles are in-
put to TCLK. On power-up or reset, the driver is
tristated until REFCLK is present and four clock
cycles are input to TCLK. In Host mode the driver
will have to be taken out of the tristate condition by
writing the CON[3:0]. The driver is not forced to
the tristate condition during remote loopback if
TCLK is absent.
When the transmit configuration established by
CON[3:0], TAOS, or LLOOP changes state, the
transmitter stabilizes within 22 TCLK bit periods.
The transmitter takes longer to stabilize when
RLOOP1 or RLOOP2 is selected because the tim-
ing circuitry must adjust to the new frequency from
RCLK.
When the transmitter transformer secondaries are
shorted through a 0.5
Ω resistor, the transmitter
will output a maximum of 50 mA-rms, as required
by the European specification BS6450. This spec is
met for 5.0 V operation only.
4. RECEIVER
The input signal is connected to the receiver
through a step down transformer (1.15:1 for 5 V
and 2:1 for 3.3 V). Data and clock are extracted
from the T1/E1 signal input to the line interface and
to the system. The signal is detected differentially
across the receive transformer and can be recov-
ered over the entire range of short haul cable
lengths. The transmit and receive transformer spec-
ifications are identical and are presented in the Ap-
plications section. As shown in Table 1, the
receiver slicing level is set at 65% for DS1/DSX-1
short-haul and at 50% for all other applications.
The clock recovery circuit is a second-order phase
locked loop that can tolerate up to 0.4 UI of jitter
from 10 kHz to 100 kHz without generating errors
(Figure 13). The clock and data recovery circuit is
tolerant of long strings of consecutive zeros and
will successfully recover a 1-in-175 jitter-free line
input signal.
Recovered data at RPOS and RNEG (or RDATA)
is stable and may be sampled using the recovered
clock RCLK. During Hardware mode operation,
10
1k
10k
1
100
100k
700
.1
1
10
100
.4
28
300
300
PEAK-TO-PEAK
JITTER
(unit intervals)
JITTER FREQUENCY (Hz)
CS61584A
Performance
138
AT&T 62411
(1990 Version)
Figure 16. Minimum Input Jitter Tolerance of Receiver
(Clock Recovery Circuit and jitter Attenuator)
CS61584A
18
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com