Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 7Page - Cirrus Logic CS61584A Datasheet HTML 8Page - Cirrus Logic CS61584A Datasheet HTML 9Page - Cirrus Logic CS61584A Datasheet HTML 10Page - Cirrus Logic CS61584A Datasheet HTML 11Page - Cirrus Logic CS61584A Datasheet HTML 12Page - Cirrus Logic CS61584A Datasheet HTML 13Page - Cirrus Logic CS61584A Datasheet HTML 14Page - Cirrus Logic CS61584A Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
CS61584A
DS261PP5
11
DS261PP5
SWITCHING CHARACTERISTICS - PARALLEL PORT (T
A = -40 to 85 °C;
TV+, RV+ = nominal ± 0.3 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Parameter
Symbol
Min
Max
Unit
Cycle Time
tcyc
250
-
ns
Pulse Width, DS Low or RD High
PWel
150
-
ns
Pulse Width, DS High or RD Low
PWeh
150
-
ns
Input Rise/Fall Times
tr, tf
-30
ns
R/W Hold Time
trwh
10
-
ns
R/W Setup Time Before DS High
trws
50
-
ns
CS Setup Time Before DS, WR, or RD Active
tcs
50
-
ns
CS Setup Time Before DS, WR, or RD Active for RAM/ROM
tcsr
130
-
ns
CS Hold Time
tch
20
-
ns
Read Data Hold Time
tdhr
10
80
ns
Write Data Hold Time
tdhw
5-
ns
Muxed Address Valid to AS or ALE Fall
tasl
15
-
ns
Muxed Address Hold Time
tahl
10
-
ns
Delay Time DS, WR, or RD to AS or ALE Rise
tasd
25
-
ns
Pulse Width AS or ALE High
40
-
ns
Delay Time AS or ALE to DS, WR, or RD
tased
40
-
ns
Output Data Delay Time from DS or RD
tddr
20
120
ns
Data Setup Time
tdsw
80
-
ns
DTACK Delay
tdkd
5-
ns
DTACK Hold Time
tdkh
5-
ns
AS/ALE Min Low Interval for RAM/ROM
taamir
50
-
ns
CS61584A
DS261F1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com