Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 39Page - Cirrus Logic CS61584A Datasheet HTML 40Page - Cirrus Logic CS61584A Datasheet HTML 41Page - Cirrus Logic CS61584A Datasheet HTML 42Page - Cirrus Logic CS61584A Datasheet HTML 43Page - Cirrus Logic CS61584A Datasheet HTML 44Page - Cirrus Logic CS61584A Datasheet HTML 45Page - Cirrus Logic CS61584A Datasheet HTML 46Page - Cirrus Logic CS61584A Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
CS61584A
DS261PP5
43
DS261PP5
PD1, PD2 - Power Down [Hardware mode] (PLCC pins 24, 45; TQFP pins 15, 34)
Setting PD high places the channel in a low power, inactive state. Power down forces the transmitter,
receiver, and jitter attenuator to the reset state. All device outputs are forced to a high impedance state
to facilitate circuit board testing.
ZTX1 - Driver Tristate [Host mode - serial port]
ZTX2 - (PLCC pins 24, 45; TQFP pins 15, 34)
Setting ZTX high causes the driver at TTIP and TRING to be placed in a tristate (high-impedance)
condition.
RESET - Reset (PLCC pin 35; TQFP pin 25)
A device reset is selected by setting the RESET pin high for a minimum of 200 ns. The reset function
requires less than 20 ms to complete. The control logic and register set are initialized and LOS is set
high. The RESET pin should be set low for normal operation.
RLOOP1, RLOOP2 - Remote Loopback [Hardware Mode] (PLCC pins 7, 6; TQFP pin 63, 62)
A remote loopback of the channel is selected when RLOOP is high. The data received from the line
interface at RTIP and RRING is looped back through the jitter attenuator (if enabled) and retransmitted
on TTIP and TRING. Data recovered from RTIP and RRING continues to be output on RPOS/RNEG
(RDATA). Data input on TPOS/TNEG (TDATA) is ignored.
When the RLOOP and TAOS pins are both high, local loopback #1 is invoked along with transmit all
ones for the selected channel. The receive input at RTIP and RRING is ignored.
TAOS1 - Transmit All Ones Select [Hardware Mode]
TAOS2 - (PLCC pins 4, 3; TQFP pins 60, 59)
Setting TAOS high causes continuous ones to be transmitted on the line interface at the frequency
determined by REFCLK.
When the RLOOP and TAOS pins are both high, local loopback #1 is invoked along with transmit all
ones for the selected channel. The receive input at RTIP and RRING is ignored.
Interface
AD7, AD6, AD5, AD4 - Address/Data Bus [Host mode - parallel port]
AD3, AD2, AD1, AD0 - (PLCC pins 63-66, 2-5; TQFP pins 51-54, 58-61)
The 8-bit, multiplexed address/data bus.
ALE (AS) - Address Latch Enable (Address Strobe) [Host mode - parallel port] (PLCC pin 62;
TQFP pin 50)
The address present on the address/data bus is latched on the falling edge of this signal.
BTS - Bus Type Select [Host mode - parallel port] (PLCC pin 52; TQFP pin 41)
This pin controls the function of the RD(DS), ALE(AS), and WR(R/W) pins. Intel bus timing is selected
when BTS is low. Motorola bus timing is selected when BTS is high and the pin function is listed in
parenthesis "( )".
CS - Chip Select [Host mode] (PLCC pin 8; TQFP pin 64)
This pin must be low in order to access the serial or parallel port of the device.
CS61584A
DS261F1
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com