Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 15Page - Cirrus Logic CS61584A Datasheet HTML 16Page - Cirrus Logic CS61584A Datasheet HTML 17Page - Cirrus Logic CS61584A Datasheet HTML 18Page - Cirrus Logic CS61584A Datasheet HTML 19Page - Cirrus Logic CS61584A Datasheet HTML 20Page - Cirrus Logic CS61584A Datasheet HTML 21Page - Cirrus Logic CS61584A Datasheet HTML 22Page - Cirrus Logic CS61584A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
CS61584A
DS261PP5
19
DS261PP5
the CLKE pin determines the clock polarity where
the output data is stable and valid as shown in
Table 2. During Host mode operation, the polarity
is established by the CLKE bit in the Control A reg-
ister. When CLKE is low, RPOS and RNEG (or
RDATA) are valid on the rising edge of RCLK.
When CLKE is high, RPOS and RNEG (or RDA-
TA) are valid on the falling edge of RCLK
During Host mode operation, the data at RPOS and
RNEG (or RDATA) may be forced to output an un-
framed all-ones pattern by setting both the
LLOOP1 and LLOOP2 bits in the Control B regis-
ter to "1".
5. JITTER ATTENUATOR
The jitter attenuator can be switched into either the
receive or transmit paths. Alternatively, it can also
be removed from both paths to reduce the propaga-
tion delay. Figure 14 illustrates the typical jitter at-
tenuation curves.
During Hardware mode operation, the location of
the jitter attenuators for both channels is controlled
by the ATTEN0 and ATTEN1 pins. During Host
mode operation, the location of the jitter attenua-
tors are independent and are controlled by the AT-
TEN[1:0] bits in the Control A registers. Table 3
shows how these pins are decoded.
The attenuator consists of a 64-bit FIFO, a narrow-
band monolithic PLL, and control logic. Signal jit-
ter is absorbed in the FIFO which is designed to
neither overflow nor underflow. If overflow or un-
derflow is imminent, the jitter transfer function is
altered to ensure that no bit-errors occur. Under this
condition, jitter gain may occur and external provi-
sions may be required. The jitter attenuator will
typically tolerate 43 UIs before the overflow/un-
derflow mechanism occurs. If the jitter attenuator
has not had time to "lock" to the average incoming
frequency (e.g. following a device reset) the atten-
uator will tolerate a minimum of 22 UIs before the
overflow/underflow mechanism occurs.
The jitter attenuator -3 dB knee frequency is 4.0 Hz
for T1 mode and 1.25 Hz for E1 mode as selected
by the CON[3:0] pins or register bits. A 1.25 Hz
knee for the E1 mode guarantees jitter attenuation
compliance to European specifications CTR 12 and
ETSI ETS 300 011. Setting ATTEN[1:0] = 11 will
place the jitter attenuator in the receive path with a
1.25 Hz knee for both T1 and E1 modes of opera-
tion.
For T1/E1 line cards used in high-speed mutiplex-
ers (e.g., SONET and SDH), the jitter attenuator is
typically used in the transmit path. The attenuator
can accept a transmit clock with gaps
≤ 28 UIs and
a transmit clock burst rate of
≤ 8 MHz.
CLKE
DATA
CLOCK
Clock edge for
valid data
LOW
RPOS, RNEG
or RDATA
RCLK
RCLK
Rising
Rising
HIGH
RPOS, RNEG
or RDATA
RCLK
RCLK
Falling
Falling
Table 2. Recovered Data/Clock Options
Frequency in Hz
10
20
30
40
50
60
1
10
100
1 k
10 k
Maximum
Attenuation
Limit
62411 Requirements
Minimum Attenuation Limit
Measured Performance
T1 Mode
E1 Mode
0
Figure 17. Typical Jitter Transfer Function
ATTEN1 ATTEN0
Location of Jitter Attenuator
00
Receiver
0
1
Disabled
1
0
Transmitter
1
1
Receiver w/ 1.25 Hz knee
Table 3. Jitter Attenuation Control
CS61584A
DS261F1
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com