Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 19Page - Cirrus Logic CS61584A Datasheet HTML 20Page - Cirrus Logic CS61584A Datasheet HTML 21Page - Cirrus Logic CS61584A Datasheet HTML 22Page - Cirrus Logic CS61584A Datasheet HTML 23Page - Cirrus Logic CS61584A Datasheet HTML 24Page - Cirrus Logic CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
CS61584A
DS261PP5
23
DS261PP5
state. LOS will go high, and the status register will
be reset, but the Control, Mask, and Arbitrary
Waveform registers remain unchanged. The chan-
nel not in power down and the processor port will
still to operate normally.
Simultaneously selecting PD1 and PD2 will place
all the above-mentioned pins in high impedance
state and power down additional analog circuitry
that is shared by both channels. The status registers
are reset. In the hardware mode all output pins are
tri-stated and internally pulled up to the positive
supply rail. After exiting the power down state, the
channel will be fully operational in less than 20 ms.
8.12
Reset Pin
The CS61584A is continuously calibrated during
operation to insure the performance of the device
over power supply and temperature. This continu-
ous calibration function eliminates the need to reset
the line interface during operation.
During Hardware and Host modes of operation, a
device reset is selected by setting the RESET pin
high for a minimum of 200 ns. The reset function
initiates on the falling edge of RESET and requires
less than 20 ms to complete. The control logic and
register set are initialized and the transmit and re-
ceive circuitry is calibrated if REFCLK and TCLK
are present. During Host mode operation, a reset
event is indicated by the Latched-Reset bit in the
Status register.
9. HOST MODE
Host mode allows the CS61584A to be configured
and monitored using an internal register set. This
option is selected when the MODE pin is set high.
Using the P/S pin, serial or 8-bit parallel interface
ports are available in Host mode. During serial port
operation, the registers are specified by a 6-bit ad-
dress in the range of 0x10 to 0x19. During parallel
port operation, the registers are specified by an 8-
bit address. The four most significant bits of the ad-
dress selects one of 16 devices on the board, estab-
lished by the SAD[7:4] pins. The four least
significant bits of the address specify the register
address in the range of 0x00 to 0x09 for the selected
device. Parallel port option is compatible with Mo-
torola and Intel 8-bit, multiplexed address/data bus.
9.1
Register Set
The register set available during Host mode opera-
tion is presented in Table 4.
9.1.1
Status Registers
The Status registers are read-only registers and are
shown in Table 5. The CS61584A generates an in-
terrupt on the INT pin any time an unmasked Status
register bit changes. When BTS is low (Intel
mode), the IPOL pin determines the polarity of the
INT pin. When BTS is high (Motorola mode), INT
polarity is active low (IPOL becomes DTACK).
Reading both Status register clears the interrupt
and deactivates the INT pin.
LOS: Set high while the loss of signal condition is
detected. Reading the Status register does not clear
the LOS bit. A LOS interrupt is generated only on
the falling edge of the LOS alarm condition. The
Latched-LOS bit generates an interrupt on the ris-
ing edge of LOS. Refer to the timing diagram in
Figure 18.
Serial Port
Address
Parallel Port
Address*
Description
0x10
0xY0
Ch 1 Status
0x11
0xY1
Ch 2 Status
0x12
0xY2
Ch 1 Mask
0x13
0xY3
Ch 2 Mask
0x14
0xY4
Ch 1 Control A
0x15
0xY5
Ch 2 Control A
0x16
0xY6
Ch 1 Control B
0x17
0xY7
Ch 2 Control B
0x18
0xY8
Ch 1 Arbitrary Pulse Shape
0x19
0xY9
Ch 2 Arbitrary Pulse Shape
*Y denotes the SAD[7:4] address of the CS61584A device.
Table 4. CS61584A Register Set
CS61584A
DS261F1
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com