Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 20Page - Cirrus Logic CS61584A Datasheet HTML 21Page - Cirrus Logic CS61584A Datasheet HTML 22Page - Cirrus Logic CS61584A Datasheet HTML 23Page - Cirrus Logic CS61584A Datasheet HTML 24Page - Cirrus Logic CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic CS61584A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
CS61584A
24
DS261PP5
DS261PP5
Latched-LOS: Set high on the rising edge of the
loss of signal condition. Reading the Status register
clears the Latched-LOS bit and deactivates the INT
pin. Refer to the timing diagram in Figure 18.
AIS: Set high while the alarm indication signal is
detected. Reading the Status register does not clear
the AIS bit. An AIS interrupt is generated only on
the falling edge of the AIS alarm condition. The
Latched-AIS bit generates an interrupt on the rising
edge of AIS. Refer to the timing diagram in
Figure 18.
Status Register (Channel 1)
Serial Port Address: 0x10; Parallel Port Address: 0xY0
Bit
Description
Definition
Reset
Value
10
7
LOS1
LOS currently detected
no LOS
1
6
Latched-LOS1
LOS event since last read
no LOS
1
5
AIS1
AIS currently detected
no AIS
0
4
Latched-AIS1
AIS event since last read
no AIS
0
3
Latched-BPV1
BPV event since last read
no BPV
0
2
Latched-Overflow1
Pulse overflow since last read
no overflow
0
1
Latched-Reset
Reset event since last read
no reset
1
0
Interrupt1
Interrupt event since last read
no interrupt
1
Status Register (Channel 2)
Serial Port Address: 0x11; Parallel Port Address: 0xY1
Bit
Description
Definition
Reset
Value
10
7
LOS2
LOS currently detected
no LOS
1
6
Latched-LOS2
LOS event since last read
no LOS
1
5
AIS2
AIS currently detected
no AIS
0
4
Latched-AIS2
AIS event since last read
no AIS
0
3
Latched-BPV2
BPV event since last read
no BPV
0
2
Latched-Overflow2
Pulse overflow since last read
no overflow
0
1
Latched-CLKLOST
TCLK or REFCLK absent
TCLK and REFCLK present
0
0
Interrupt2
Interrupt event since last read
no interrupt
1
Table 5. Status Registers
AIS/LOS Currently Active
(AIS/LOS bit & AIS/LOS pin)
Latched LOS
(Latch AIS/LOS bit)
Read AIS/LOS bits
"Short" AIS/LOS event
"Long" AIS/LOS event
Set by start
of AIS/LOS
Cleared by read
Set by Change
of AIS/LOS
Cleared by read
Interrupt
(INT)
Figure 18. Alarm Indication Event Relationships
CS61584A
24
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com