Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic CS61584A Datasheet HTML 28Page - Cirrus Logic CS61584A Datasheet HTML 29Page - Cirrus Logic CS61584A Datasheet HTML 30Page - Cirrus Logic CS61584A Datasheet HTML 31Page - Cirrus Logic CS61584A Datasheet HTML 32Page - Cirrus Logic CS61584A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
CS61584A
DS261PP5
29
DS261PP5
tude information written for phases 13 and 14 of
each UI is ignored. Examples of arbitrary wave-
forms are illustrated in Figure 19.
The amplitude of each phase segment is described
by a 7-bit, 2’s complement number (bit 8 is ig-
nored). A positive value describes pulse amplitude
and a negative value describes pulse undershoot.
For DSX-1 applications with CON[3:0] = 1010, the
typical output voltage step is 73 mV/LSB across
the secondary (line side) of the transformer. For
DS1 applications with CON[3:0] = 1011, the typi-
cal output voltage step is 52 mV/LSB across the
transformer secondary. For E1 75
Ω coaxial appli-
cations with CON[3:0] = 1000, the typical output
voltage step is 43 mV/LSB. For E1 120
Ω twisted-
pair applications with CON[3:0] = 1001, the typi-
cal output voltage step is 52 mV/LSB.
The full scale positive value is 0x3F and the full
scale negative value is 0x40. It is recommended
that the output voltage across the secondary of the
transformer (line interface side) be limited to
4.4 Vpk. At higher output voltages, the transmitter
may not be able to drive the requested voltage
based on the current operating conditions.
Because the transmitter drives either a mark or a
space to the line interface every UI, the phase am-
plitude information defined in UI2 and UI3 is add-
ed to the symbols transmitted at TTIP and TRING
in those intervals. Therefore, a mark defined only
for UI1 will be output exactly as programmed if an-
other mark is transmitted in the next two UI. How-
ever, a mark defined over UI1 and UI2 with an
extended return-to-zero "tail" will cause the lead-
ing edge of a mark transmitted in the next UI to rise
or fall more quickly. This is illustrated in Figure 20.
If the hexadecimal sum of the phase amplitudes ex-
ceeds the full scale values, the sum is replaced by
the full scale value and the Latched-Overflow bit is
set in the Status register.
E1 Arbitrary Waveform Example
DSX-1 (54% duty cycle) Arbitrary Waveform Example
DS-1 (50% duty cycle) Arbitrary Waveform Example
Figure 19. Phase Definition of Arbitrary Waveforms
Figure 20. Example of Summing of Waveforms
CS61584A
DS261F1
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com