Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 24Page - Cirrus Logic CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic CS61584A Datasheet HTML 28Page - Cirrus Logic CS61584A Datasheet HTML 29Page - Cirrus Logic CS61584A Datasheet HTML 30Page - Cirrus Logic CS61584A Datasheet HTML 31Page - Cirrus Logic CS61584A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
CS61584A
28
DS261PP5
DS261PP5
sate for waveform degradation that may result from
non-standard cables, transformers, or protection
circuitry.
Arbitrary waveform generation is enabled when the
CON[3:0] line configuration selection in the Con-
trol B register is set to one of four arbitrary wave-
form modes (See the Transmitter section). The
arbitrary pulse shape of mark (a transmitted "1") is
specified by describing the pulse shape across three
Unit Intervals (UIs). One UI in DS1 applications is
648 ns (1.544 MHz period) and one UI in E1 appli-
cations is 488 ns (2.048 MHz period). For example,
arbitrary waveform generation allows the DSX-1
return-to-zero "tail" to extend further into the next
UI or allows T1 long-haul waveforms to be defined
across all three UIs. The amplitude of a space (a
transmitted "0") is fixed at zero volts.
All three UIs are divided into 14 equal phases for a
total of 42 phase segments. The shape of the pulse
is then defined by writing the amplitude of each
phase segment to the Arbitrary Waveform register
42 times in sequence from UI1/phase1 to
UI3/phase14. The custom pulse shape must be de-
fined using the Arbitrary Waveform register before
setting the CON[3:0] configuration selection to one
of the arbitrary generation settings (i.e., 1001,
1010, or 1011).
For DS1 applications, the CS61584A divides the
648 ns UI into 14 equal phases of 46.3 ns. For
DSX-1 applications, the 648 ns UI is divided into
13 equal phases of 49.8 ns. The phase amplitude in-
formation written for phase 14 of each UI is ig-
nored. For E1 applications, the 488 ns UI is divided
into 12 equal phases of 40.7 ns. The phase ampli-
Arbitrary Waveform Register (Channel 1)
Serial Port Address: 0x18; Parallel Port Address: 0xY8
Bit
Description
Definition
Reset
Value
10
70
Arbitrary pulse shape definitions
undefined
6MSB
5
4
3
2
1
0LSB
Arbitrary Waveform Register (Channel 2)
Serial Port Address: 0x19; Parallel Port Address: 0xY9
Bit
Description
Definition
Reset
Value
10
7
0
Arbitrary pulse shape definitions
undefined
6MSB
5
4
3
2
1
0LSB
Table 9. Arbitrary Waveform Registers
CS61584A
28
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com