Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 10Page - Cirrus Logic CS61584A Datasheet HTML 11Page - Cirrus Logic CS61584A Datasheet HTML 12Page - Cirrus Logic CS61584A Datasheet HTML 13Page - Cirrus Logic CS61584A Datasheet HTML 14Page - Cirrus Logic CS61584A Datasheet HTML 15Page - Cirrus Logic CS61584A Datasheet HTML 16Page - Cirrus Logic CS61584A Datasheet HTML 17Page - Cirrus Logic CS61584A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
CS61584A
14
DS261PP5
DS261PP5
SWITCHING CHARACTERISTICS - JTAG (T
A = -40 to 85 °C; TV+, RV+ = nominal ± 0.3 V;
Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Parameter
Symbol
Min
Max
Unit
Cycle Time
tcyc
200
-
ns
J-TMS/J-TDI to J-TCK Rising Setup Time
tsu
50
-
ns
J-TCK Rising to J-TMS/J-TDI Hold Time
th
50
-
ns
J-TCK Falling to J-TDO Valid
tdv
-60
ns
J-TCK
J-TMS
J-TDI
J-TDO
t su
t h
t cyc
t dv
Figure 12. JTAG Switching Characteristics
CS61584A
14
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com