Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS61584A
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS61584A Datasheet HTML 22Page - Cirrus Logic CS61584A Datasheet HTML 23Page - Cirrus Logic CS61584A Datasheet HTML 24Page - Cirrus Logic CS61584A Datasheet HTML 25Page - Cirrus Logic CS61584A Datasheet HTML 26Page - Cirrus Logic CS61584A Datasheet HTML 27Page - Cirrus Logic CS61584A Datasheet HTML 28Page - Cirrus Logic CS61584A Datasheet HTML 29Page - Cirrus Logic CS61584A Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
CS61584A
26
DS261PP5
DS261PP5
AAO: The Automatic All-Ones (AAO) bit in the
Mask Register (Channel 1, bit 1) causes an un-
framed all-ones pattern to be output at the RPOS
and RNEG (or RDATA) pins when the receiver is
in a loss of signal (LOS) condition.
9.1.3
Control A Registers
The Control A registers are read-write registers and
are shown in Table 7. The Control A registers se-
lect device configuration and power down control.
CLKE: Establishes the edge of the of RCLK that
RPOS and RNEG (or RDATA) are valid.
PD: Controls per channel power down.
ATTEN0 and ATTEN1: Controls the jitter attenu-
ator location and -3 dB knee frequency (See Jitter
Attenuator section).
CODER: Controls the coder mode function. The
TPOS, TNEG, RPOS, and RNEG pins are active
when the transparent mode is enabled. The TDA-
TA, RDATA, AIS, and BPV pins are active when
the coder mode is enabled.
AMI-T: Controls the line encoder in the transmit
direction. The selection of B8ZS or HDB3 is deter-
mined by the CON[3:0] bits (See the Transmitter
section).
AMI-R: Controls the line decoder in the receive di-
rection. The selection of B8ZS or HDB3 is deter-
mined by the CON[3:0] bits (See the Transmitter
section).
EXZ: Controls the automatic detection of excessive
zeros on the BPV pin according to ANSI T1.231
when coder mode is enabled (CODERx = 1).
Control A Register (Channel 1)
Serial Port Address: 0x14; Parallel Port Address: 0xY4
Bit
Description
Definition
Reset
Value
10
7
CLKE
RPOS/RNEG (or RDATA) valid on
falling edge of RCLK
RPOS/RNEG (or RDATA) valid on
rising edge of RCLK
0
6
PD1
Power down channel
Power up channel
0
5
ATTEN01
Jitter attenuator location
(See Jitter Attenuator section)
0
4ATTEN11
0
3
CODER1
Coder mode enabled
Transparent mode enabled
0
2
AMI-T1
AMI encoder enabled
B8ZS/HDB3 encoder enabled
0
1
AMI-R1
AMI decoder enabled
B8ZS/HDB3 decoder enabled
0
0
Factory Test
Test
Normal operation
0
Control A Register (Channel 2)
Serial Port Address: 0x15; Parallel Port Address: 0xY5
Bit
Description
Definition
Reset
Value
10
7
EXZ
Excessive zeros detection for both
channels enabled
Excessive zeros detection for both
channels disabled
0
6
PD2
Power down channel
Power up channel
0
5
ATTEN02
Jitter attenuator location
(See Jitter Attenuator section)
0
4ATTEN12
0
3
CODER2
Coder mode enabled
Transparent mode enabled
0
2
AMI-T2
AMI encoder enabled
B8ZS/HDB3 encoder enabled
0
1
AMI-R2
AMI decoder enabled
B8ZS/HDB3 decoder enabled
0
0
Factory Test
Test
Normal operation
0
Table 7. Control A Registers
CS61584A
26
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com