Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 50Page - STMicroelectronics STM32MP153D Datasheet HTML 51Page - STMicroelectronics STM32MP153D Datasheet HTML 52Page - STMicroelectronics STM32MP153D Datasheet HTML 53Page - STMicroelectronics STM32MP153D Datasheet HTML 54Page - STMicroelectronics STM32MP153D Datasheet HTML 55Page - STMicroelectronics STM32MP153D Datasheet HTML 56Page - STMicroelectronics STM32MP153D Datasheet HTML 57Page - STMicroelectronics STM32MP153D Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 254 page
background image
Functional overview
STM32MP153A/D
54/254
DS12502 Rev 3
The main features are:
•
Combined Rx and Tx FIFO size of 4 Kbyte with dynamic FIFO sizing
•
Supports the session request protocol (SRP) and host negotiation protocol (HNP)
•
8 bidirectional endpoints
•
16 host channels with periodic OUT support
•
Software configurable to OTG1.3 and OTG2.0 modes of operation
•
USB 2.0 LPM (link power management) support
•
Battery charging specification revision 1.2 support
•
Internal FS or HS OTG PHY support
•
Internal USB DMA
•
HNP/SNP/IP inside (no need for any external resistor)
•
For OTG/Host modes, a power switch is needed in case bus-powered devices are
connected
3.47
Gigabit Ethernet MAC interface (ETH1)
The devices provide an IEEE-802.3-2002-compliant gigabit media access controller
(GMAC) for Ethernet LAN communications through an industry-standard medium-
independent interface (MII), a reduced medium-independent interface (RMII), a gigabit
medium-independent interface (GMII) or a reduced gigabit medium-independent interface
(RGMII).
The STM32MP153A/D requires an external physical interface device (PHY) to connect to
the physical LAN bus (twisted-pair, fiber, etc.). The PHY is connected to the device port
using 17 signals for MII, 7 signals for RMII, 26 signals for GMII or 13 signals for RGMII, and
can be clocked using the 25 MHz (MII, RMII, GMII, RGMII) or 125 MHz (GMII, RGMII) from
the STM32MP153A/D or from the PHY.
The devices include the following features:
•
Operation modes and PHY interfaces
–
10, 100, and 1000 Mbps data transfer rates
–
Support of both full-duplex and half-duplex operations
–
MII, RMII, GMII and RGMII PHY interfaces
•
Multiple queues support and audio video bridging (AVB) management
–
Separate channels or queues for AV data transfer in 100 and 1000 Mbps modes
–
Two queues on the Rx paths and two queues on the Tx path for AV traffic
–
One DMA for Rx path and two DMA for Tx path (one per transmit channels)
–
Several arbitration algorithms between queues: weighted round robin (WRR),
strict priority (SP), weighted strict priority (WSP), IEEE 802.1-Qav specified credit-
based shaper (CBS) algorithm for Transmit channels
•
Processing control
–
Multi-layer Packet filtering: MAC filtering on source (SA) and destination (DA)
address with perfect and hash filter, VLAN tag-based filtering with perfect and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com