Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 74Page - STMicroelectronics STM32MP153D Datasheet HTML 75Page - STMicroelectronics STM32MP153D Datasheet HTML 76Page - STMicroelectronics STM32MP153D Datasheet HTML 77Page - STMicroelectronics STM32MP153D Datasheet HTML 78Page - STMicroelectronics STM32MP153D Datasheet HTML 79Page - STMicroelectronics STM32MP153D Datasheet HTML 80Page - STMicroelectronics STM32MP153D Datasheet HTML 81Page - STMicroelectronics STM32MP153D Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
78/254
DS12502 Rev 3
1A6 J14
1C3
L20
VSS
S
-
-
-
-
P17 P19
T20
R19
DDR_CKE
O
DDR
-
-
-
P18 N17
U20
R18
DDR_BA1
O
DDR
-
-
-
-
J15
-
L16
VDDQ_DDR
S
-
-
-
-
N18 N18
R21
P18
DDR_A14
O
DDR
-
-
-
-
K2
-
M7
VSS
S
-
-
-
-
N19 M18
R20
P19
DDR_A11
O
DDR
-
-
-
-
K5
1C5
M10
VSS
S
-
-
-
-
1D6
K7
-
M12
VSS
S
-
-
-
-
M17 M19
R22
N18
DDR_A10
O
DDR
-
-
-
-
J9
1D5
L12
VDDCORE
S
-
-
-
-
-
-
1D9
-
VDDQ_DDR
S
-
-
-
-
M18 L17
P23
N19
DDR_A12
O
DDR
-
-
-
M19 M17
P22
M18
DDR_A1
O
DDR
-
-
-
-
K9
1C7
M14
VSS
S
-
-
-
-
J19 K17
N20
M22
DDR_CASN
O
DDR
-
-
-
1F6 K11
-
N9
VSS
S
-
-
-
-
J18
J17
M20
M21
DDR_WEN
O
DDR
-
-
-
-
K14
-
M17
VDDQ_DDR
S
-
-
-
-
1E9 L18
N21
M20
DDR_RASN
O
DDR
-
-
-
L17 L19
N22
N20
DDR_CLKP
O
DDR
-
-
-
-
K13
1C9
-
VSS
S
-
-
-
-
K18 K19
N23
N21
DDR_CLKN
O
DDR
-
-
-
1F9
-
1E8
N16
VDDQ_DDR
S
-
-
-
-
1D8 K18
K20
L22
DDR_DTO0
O
DDR
-
-
-
1C8 J19
L21
K21
DDR_DTO1
O
DDR
-
-
-
L18 L16
P20
M19
DDR_A15
O
DDR
-
-
-
1H6
-
1D2
N11
VSS
S
-
-
-
-
1E6
-
-
-
VDDCORE
S
-
-
-
-
-
K15
-
N13
VSS
S
-
-
-
-
J17
J18
M22
L18
DDR_CSN
O
DDR
-
-
-
H18 H19
L22
L21
DDR_ODT
O
DDR
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com