Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 59Page - STMicroelectronics STM32MP153D Datasheet HTML 60Page - STMicroelectronics STM32MP153D Datasheet HTML 61Page - STMicroelectronics STM32MP153D Datasheet HTML 62Page - STMicroelectronics STM32MP153D Datasheet HTML 63Page - STMicroelectronics STM32MP153D Datasheet HTML 64Page - STMicroelectronics STM32MP153D Datasheet HTML 65Page - STMicroelectronics STM32MP153D Datasheet HTML 66Page - STMicroelectronics STM32MP153D Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 254 page
background image
DS12502 Rev 3
63/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
-
-
-
H2
PI12
I/O
FT_h
-
TRACED0, HDP0, LCD_HSYNC,
EVENTOUT
-
-
B6
C7
B2
VSS
S
-
-
-
-
-
-
-
H1
PI13
I/O
FT_h
-
TRACED1, HDP1, LCD_VSYNC,
EVENTOUT
-
-
-
1A4
H11
VDDCORE
S
-
-
-
-
-
-
-
J3
PJ10
I/O
FT_h
-
TIM1_CH2N, TIM8_CH2,
SPI5_MOSI, LCD_G3,
EVENTOUT
-
-
-
-
K6
PJ11
I/O
FT_h
-
TIM1_CH2, TIM8_CH2N,
SPI5_MISO, LCD_G4,
EVENTOUT
-
-
-
-
J2
PJ0
I/O
FT_h
-
TRACED8, LCD_R7, LCD_R1,
EVENTOUT
-
-
-
-
L6
PJ1
I/O
FT_h
- TRACED9, LCD_R2, EVENTOUT
-
-
-
-
K4
PJ2
I/O
FT_h
-
TRACED10, LCD_R3,
EVENTOUT
-
-L5
-
-
VDD
S
-
-
-
-
-
-
-
J1
PJ3
I/O
FT_h
-
TRACED11, LCD_R4,
EVENTOUT
-
N1
C3
-
B19
VSS
S
-
-
-
-
-
-
-
K2
PJ4
I/O
FT_h
-
TRACED12, LCD_R5,
EVENTOUT
-
1D3 E11
-
-
VDDCORE
S
-
-
-
-
-
-
-
K1
PJ5
I/O
FT_h
-
TRACED2, HDP2, LCD_R6,
EVENTOUT
-
-
-
-
L5
PJ6
I/O
FT_h
-
TRACED3, HDP3, TIM8_CH2,
LCD_R7, EVENTOUT
-
-
-
-
L4
PJ7
I/O
FT_h
-
TRACED13, TIM8_CH2N,
LCD_G0, EVENTOUT
-
-
C17
C12
C3
VSS
S
-
-
-
-
1B1
E3
D2
L3
PD6
I/O
FT_ha
-
TIM16_CH1N, SAI1_D1,
DFSDM1_CKIN4,
DFSDM1_DATIN1,
SPI3_MOSI/I2S3_SDO,
SAI1_SD_A, USART2_RX,
FMC_NWAIT, DCMI_D10,
LCD_B2, EVENTOUT
-
-
E13
-
H13
VDDCORE
S
-
-
-
-
-
-
-
L2
PJ9
I/O
FT_h
-
TRACED15, TIM1_CH3,
TIM8_CH1N, UART8_RX,
LCD_G2, EVENTOUT
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com