Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 25Page - STMicroelectronics STM32MP153D Datasheet HTML 26Page - STMicroelectronics STM32MP153D Datasheet HTML 27Page - STMicroelectronics STM32MP153D Datasheet HTML 28Page - STMicroelectronics STM32MP153D Datasheet HTML 29Page - STMicroelectronics STM32MP153D Datasheet HTML 30Page - STMicroelectronics STM32MP153D Datasheet HTML 31Page - STMicroelectronics STM32MP153D Datasheet HTML 32Page - STMicroelectronics STM32MP153D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 254 page
background image
DS12502 Rev 3
29/254
STM32MP153A/D
Functional overview
55
3.8
Low-power strategy
There are several ways to reduce power consumption on STM32MP153A/D:
•
Decrease dynamic power consumption by slowing down the CPU clocks and/or the
bus matrix clocks and/or controlling individual peripheral clocks.
•
Save power consumption when the CPU is IDLE, by selecting among the available low-
power mode according to the user application needs. This allows the best compromise
between short startup time, low-power consumption, as well as available wakeup
sources, to be achieved.
The CPUs feature several low-power modes:
•
CSleep (CPU clock stopped)
•
CStop (CPU sub-system clock stopped)
•
Stop (bus matrix clocks stalled, the oscillators can be stopped)
•
CStandby (MPU sub-system clock stopped and wakeup via reset)
•
Standby (system powered down)
•
LP-Stop and LPLV-Stop (bus matrix clocks stalled, the oscillators can be stopped, low-
power mode signaled to external regulator)
CSleep and CStop low-power modes are entered by the CPU when executing the WFI (wait
for interrupt) or WFE (Wait for Event) instructions, or when the SLEEPONEXIT bit of the
Cortex-M4 core is set after returning from an interrupt service routine.
If part of the domain is not in low-power mode, the domain remains in the current mode.
Finally the system can enter Stop or Standby when all EXTI wakeup sources are cleared
and the CPUs are in CStop or CStandby mode.
Table 3. System versus domain power mode
System power mode
MPU
MCU
Run mode
CRun or CSleep
CRun or CSleep
CStop or CStandby
CRun or CSleep
CStop
Stop mode
LP-Stop mode
LPLV-Stop mode
CStop or CStandby
CStop
Standby mode
CStandby or (CStop and
MPU PDDS = 1 and MPU CSTBYDIS = 1)
CStop and
MCU PDDS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com