Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 76Page - STMicroelectronics STM32MP153D Datasheet HTML 77Page - STMicroelectronics STM32MP153D Datasheet HTML 78Page - STMicroelectronics STM32MP153D Datasheet HTML 79Page - STMicroelectronics STM32MP153D Datasheet HTML 80Page - STMicroelectronics STM32MP153D Datasheet HTML 81Page - STMicroelectronics STM32MP153D Datasheet HTML 82Page - STMicroelectronics STM32MP153D Datasheet HTML 83Page - STMicroelectronics STM32MP153D Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
80/254
DS12502 Rev 3
B18 B19
G23
G21
DDR_DQS0N
I/O
DDR
-
-
-
-
N15
-
-
VDDQ_DDR
S
-
-
-
-
C17 C18
H23
G20
DDR_DQM0
O
DDR
-
-
-
1H9
-
-
U16
VDDQ_DDR
S
-
-
-
-
B17 B18
G21
G19
DDR_DQ7
I/O
DDR
-
-
-
1B8 M13
1E5
R17
VSS
S
-
-
-
-
A18 A18
F22
F21
DDR_DQ1
I/O
DDR
-
-
-
-
M15
1E7
T7
VSS
S
-
-
-
-
A17 A17
E22
E21
DDR_DQ0
I/O
DDR
-
-
-
B16 B17
E21
E20
DDR_DQ3
I/O
DDR
-
-
-
-
P14
1H9
V17
VDDQ_DDR
S
-
-
-
-
1H8
-
-
T9
VSS
S
-
-
-
-
-
J13
-
-
VDDCORE
S
-
-
-
-
-
-
E23
E22
DDR_DQ21
I/O
DDR
-
-
-
-
N6
1E9
T11
VSS
S
-
-
-
-
-
-
D21
D20
DDR_DQ22
I/O
DDR
-
-
-
C14
N8
-
T19
VSS
S
-
-
-
-
-
-
D22
D21
DDR_DQ17
I/O
DDR
-
-
-
-
-
D23
D22
DDR_DQ18
I/O
DDR
-
-
-
-
-
-
W18
VDDQ_DDR
S
-
-
-
-
-
-
C22
C21
DDR_DQS2P
I/O
DDR
-
-
-
-
N10
1F2
U7
VSS
S
-
-
-
-
-
-
B23
B22
DDR_DQS2N
I/O
DDR
-
-
-
-
R15
1J8
-
VDDQ_DDR
S
-
-
-
-
-
-
C23
C22
DDR_DQM2
O
DDR
-
-
-
-
-
-
Y19
VDDQ_DDR
S
-
-
-
-
-
-
B22
B21
DDR_DQ16
I/O
DDR
-
-
-
-
N12
1F4
U13
VSS
S
-
-
-
-
-
-
A22
A21
DDR_DQ23
I/O
DDR
-
-
-
1J9 N14
-
U15
VSS
S
-
-
-
-
-
-
B21
B20
DDR_DQ19
I/O
DDR
-
-
-
-
-
A21
A20
DDR_DQ20
I/O
DDR
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com