Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 87Page - STMicroelectronics STM32MP153D Datasheet HTML 88Page - STMicroelectronics STM32MP153D Datasheet HTML 89Page - STMicroelectronics STM32MP153D Datasheet HTML 90Page - STMicroelectronics STM32MP153D Datasheet HTML 91Page - STMicroelectronics STM32MP153D Datasheet HTML 92Page - STMicroelectronics STM32MP153D Datasheet HTML 93Page - STMicroelectronics STM32MP153D Datasheet HTML 94Page - STMicroelectronics STM32MP153D Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 254 page
background image
Port B
PB11
-
TIM2_CH4
-
LPTIM2_ETR
I2C2_SDA
-
DFSDM1_
CKIN7
USART3_RX
PB12
-
TIM1_BKIN
I2C6_SMBA
-
I2C2_SMBA
SPI2_NSS/
I2S2_WS
DFSDM1_
DATIN1
USART3_CK
PB13
-
TIM1_CH1N
-
DFSDM1_
CKOUT
LPTIM2_OUT
SPI2_SCK/
I2S2_CK
DFSDM1_
CKIN1
USART3_CTS/
USART3_NSS
PB14
-
TIM1_CH2N
TIM12_CH1
TIM8_CH2N
USART1_TX
SPI2_MISO/
I2S2_SDI
DFSDM1_
DATIN2
USART3_RTS/
USART3_DE
PB15
RTC_REFIN
TIM1_CH3N
TIM12_CH2
TIM8_CH3N
USART1_RX
SPI2_MOSI/
I2S2_SDO
DFSDM1_
CKIN2
-
Port C
PC0
---
DFSDM1_
CKIN0
LPTIM2_IN2
-
DFSDM1_
DATIN4
-
PC1
TRACED0
-
SAI1_D1
DFSDM1_
DATIN0
DFSDM1_
CKIN4
SPI2_MOSI/
I2S2_SDO
SAI1_SD_A
-
PC2
---
DFSDM1_
CKIN1
-
SPI2_MISO/
I2S2_SDI
DFSDM1_
CKOUT
-
PC3
TRACECLK
-
-
DFSDM1_
DATIN1
-
SPI2_MOSI/
I2S2_SDO
--
PC4
---
DFSDM1_
CKIN2
-
I2S1_MCK
-
-
PC5
-
-
SAI1_D3
DFSDM1_
DATIN2
SAI4_D4
-
SAI1_D4
-
PC6
HDP1
-
TIM3_CH1
TIM8_CH1
DFSDM1_
CKIN3
I2S2_MCK
-
USART6_TX
Table 8. Alternate function AF0 to AF7(1) (continued)
Port
AF0AF1
AF2AF3
AF4AF5
AF6
AF7
HDP/SYS/RTC
TIM1/2/16/17/
LPTIM1/SYS/
RTC
SAI1/4/I2C6/
TIM3/4/5/12/
HDP/SYS
SAI4/I2C2/
TIM8/
LPTIM2/3/4/5/
DFSDM1
/SDMMC1
SAI4/
I2C1/2/3/4/5/
USART1/
TIM15/LPTIM2/
DFSDM1/CEC
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5/6/I2C1/
SDMMC1/3/
CEC
SPI3/I2S3/
SAI1/3/4/
I2C4/UART4/
DFSDM1
SPI2/I2S2/
SPI3/I2S3/
SPI6/
USART1/2/3/6/
UART7/
SDMMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com