Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 55Page - STMicroelectronics STM32MP153D Datasheet HTML 56Page - STMicroelectronics STM32MP153D Datasheet HTML 57Page - STMicroelectronics STM32MP153D Datasheet HTML 58Page - STMicroelectronics STM32MP153D Datasheet HTML 59Page - STMicroelectronics STM32MP153D Datasheet HTML 60Page - STMicroelectronics STM32MP153D Datasheet HTML 61Page - STMicroelectronics STM32MP153D Datasheet HTML 62Page - STMicroelectronics STM32MP153D Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 254 page
background image
DS12502 Rev 3
59/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
Figure 8. STM32MP153A/DAAxx LFBGA448 pinout
The above figure shows the package top view.
MSv47444V2
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
PH10
VSS
PH11
PE14
PK7
PK3
PJ14
PJ12
PF1
PD1
PD3
PB15
VDDA
1V8_
Unused
DNU
DNU
PA8
DNU
VDD
1V2_
Unused
VSS
DDR_
DQS2N
DDR_
DQ19
DDR_
DQ16
PH15
PH14
VSS
PE15
PE0
PK5
PJ15
VSS
PD4
PD0
VSS
PE5
VSS
VSS
VSS
PB4
VSS
VSS
VSS
DDR_
DQM2
VSS
DDR_
DQS2P
PI0
PI14
PH13
VSS
PE11
PH8
PE1
PK0
PF5
PG15
PG6
PD2
PC9
PC11
JTDI
PC7
JTCK-
SWCLK
VDD_
PLL2
VSS_
PLL2
DDR_
DQ18
DDR_
DQ22
DDR_
DQ17
VSS
PH5
PH4
PE13
PK6
PK4
PJ13
PD10
PD5
PE3
PA9
PB3
VDD_
Unused
DNU
DNU
PB14
DNU
VDD
1V2_
Unused
VSS
VSS
DDR_
DQ20
DDR_
DQ23
PI7
PI5
PI15
PZ3
PH12
VSS
VSS
VSS
PF4
PD7
PB7
PB9
PC10
PE4
VSS
PF2
VDDQ_
DDR
DDR_
A7
DDR_
RESET
N
VSS
DDR_
DQ1
PZ4
PZ0
PZ6
VSS
PI6
VSS
VSS
VSS
VSS
VSS
VDDQ_
DDR
VSS
DDR_
A13
DDR_
DQ7
DDR_
DQS0P
DDR_
DQM0
DDR_
DQS0N
PI13
PI12
PZ7
PZ5
PZ1
PJ8
VSS
VDD
CORE
VDD
CORE
VDD
CORE
VDD
CORE
VDDQ_
DDR
DDR_
A9
DDR_
A5
DDR_
DQ6
DDR_
DQ5
DDR_
DQ2
PI2
PI1
PI3
PE12
VSS
PH9
PK1
PK2
PE6
PF0
PA15
PC12
PC8
NJ
TRST
JTDO-
TRACE
SWO
PC6
JTMS-
SWDIO
VDDQ_
DDR
VSS
DDR_
DQ21
DDR_
DQ3
DDR_
DQ0
PJ5
PJ4
VSS
PJ2
PZ2
PJ11
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
DDR_
BA2
DDR_
A0
DDR_
ZQ
DDR_
BA0
DDR_
DTO1
PD15
PJ9
PD6
PJ7
PJ6
PJ1
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
VSS
VSS
DDR_
CSN
VSS
DDR_
DTO0
VSS
DDR_
ODT
PD8
PD9
PD14
VBAT
VSS_
PLL
VDD_
PLL
VSS
VDD
VSS
VDD
CORE
VSS
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
DDR_
A1
DDR_
A15
DDR_
CASN
DDR_
RASN
DDR_
WEN
PJ3
PJ0
PJ10
PG12
PI9
PI4
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
VSS
VSS
DDR_
A2
DDR_
A3
VSS
DDR_
DQ4
PC14-
OSC32
_IN
PC15-
OSC32
_OUT
VSS
BOOT2
VSS_
ANA
VREF+
VSS
VDD
VSS
VDD
VSS
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
DDR_
A14
DDR_
A11
VSS
DDR_
DQ10
NRST_
CORE
NRST
PA14
ANA0
VDDA
VSSA
VSS
VDD
VDD
VDD
CORE
VDDQ_
DDR
VSS
DDR_
BA1
DDR_
CKE
DDR_
DQS1N
DDR_
DQ13
DDR_
DQ9
PH0-
OSC_IN
PH1-
OSC_
OUT
PI11
PA3
ANA1
VSSA
VSS
VSS
VSS
VDD
CORE
VDD
VDDQ_
DDR
DDR_
A4
VSS
DDR_
DQS1P
DDR_
DQ11
DDR_
DQM1
PI8
PC13
BOOT0
BOOT1
VDD_
ANA
VREF-
VDD
VSS
VDD
VSS
VDD
CORE
VDD
CORE
VDDQ_
DDR
VSS
VSS
DDR_
A10
DDR_
A12
DDR_
DQ8
DDR_
CLKP
DDR_
CLKN
PWR_
ON
PDR_
ON
PF3
PA1
VSS
PA4
PF14
PF12
PB10
PB13
PH6
PF10
PD13
OTG_
VBUS
VSS
PB2
VDDQ_
DDR
VSS
VSS
DDR_
DQ24
DDR_
DQ12
DDR_
DQ15
PI10
PH7
PA13
PG2
PG0
PF15
PF13
PF11
PA6
PE7
PE9
PD12
PE10
PG9
PA12
PB6
VSS
VDDQ_
DDR
VSS
DDR_
DQ30
DDR_
DQ25
DDR_
DQ31
PC2
PE2
VSS
PG1
PB11
PH3
VSS
PG8
PA7
VSS
PG7
PE8
VSS_
USBHS
VSS_
USBHS
PA11
VSS_
USBHS
PA10
VSS
VDDQ_
DDR
DDR_
DQS3N
VSS
DDR_
DQS3P
PWR_
LP
PDR_
ON_
CORE
PC3
PG3
PA5
VSSA
VSS
PG5
VDD
PC0
PG11
VDD
VDD
VSS
VDDQ_
DDR
VSS
VSS
DDR_
A8
DDR_
A6
VSS
DDR_
DQ14
VSS
PA2
PC1
PG4
PB0
PC4
PH2
PB8
PD11
PF8
PF9
VDDA1
V8_
REG
USB_
DP2
USB_
DM1
VDD
3V3_
USBFS
VDD
3V3_
USBHS
VDDA
1V1_
REG
VSS
DDR_
VREF
VSS
DDR_
DQ27
DDR_
DQ26
PG13
PG14
PA0
VSS
PB1
PC5
PB12
PB5
PG10
PF7
PF6
BYPAS
S_REG
1V8
USB_
DM2
USB_
DP1
VSS_
USBHS
VSS_
USBHS
USB_
RREF
VSS
DDR_
ATO
DDR_
DQM3
DDR_
DQ29
DDR_
DQ28
22
14
3
21
20
14
13
12
11
10
9
8
7
6
5
19
18
17
16
15
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com