Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 20Page - STMicroelectronics STM32MP153D Datasheet HTML 21Page - STMicroelectronics STM32MP153D Datasheet HTML 22Page - STMicroelectronics STM32MP153D Datasheet HTML 23Page - STMicroelectronics STM32MP153D Datasheet HTML 24Page - STMicroelectronics STM32MP153D Datasheet HTML 25Page - STMicroelectronics STM32MP153D Datasheet HTML 26Page - STMicroelectronics STM32MP153D Datasheet HTML 27Page - STMicroelectronics STM32MP153D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 254 page
background image
Functional overview
STM32MP153A/D
24/254
DS12502 Rev 3
3.4
DDR3/DDR3L/LPDDR2/LPDDR3 controller (DDRCTRL)
DDRCTRL combined with DDRPHYC provides a complete memory interface solution for
DDR memory subsystem.
•
Two 64-bit AMBA 4 AXI4 ports interface (XPI)
•
AXI clock asynchronous to the controller
•
Supported standards:
–
JEDEC DDR3 SDRAM specification, JESD79-3E for DDR3/3L with 32-bit
interface
–
JEDEC LPDDR2 SDRAM specification, JESD209-2E for LPDDR2 with 32-bit
interface
–
JEDEC LPDDR3 SDRAM specification, JESD209-3B for LPDDR3 with 32-bit
interface
•
Advanced scheduler and SDRAM command generator
•
Programmable full data width (32-bit) or half data width (16-bit)
•
Advanced QoS support with 3 traffic class on read and 2 traffic classes on write
•
Options to avoid starvation of lower priority traffic
•
Guaranteed coherency for write-after-read (WAR) and read-after-write (RAW) on AXI
ports
•
Programmable support for burst length options (4, 8,16)
•
Write combine to allow multiple writes to the same address to be combined into a
single write
•
Single rank configuration
•
Supports automatic SDRAM power-down entry and exit caused by lack of transaction
arrival for programmable time
•
Supports automatic clock stop (LPDDR2/3) entry and exit caused by lack of transaction
arrival
•
Supports automatic low power mode operation caused by lack of transaction arrival for
programmable time via hardware low power interface
•
Programmable paging policy
•
Supports automatic or under software control self-refresh entry and exit
•
Support for deep power-down entry and exit under software control (LPDDR2)
•
Support for explicit SDRAM mode register updates under software control
•
Flexible address mapper logic to allow application specific mapping of row, column,
bank bits
•
User-selectable refresh control options
•
DDRPERFM associated block to help for performance monitoring and tuning
DDRCTRL and DDRPHYC can be defined (in ETZPC) as accessible by secure software
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com