Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 88Page - STMicroelectronics STM32MP153D Datasheet HTML 89Page - STMicroelectronics STM32MP153D Datasheet HTML 90Page - STMicroelectronics STM32MP153D Datasheet HTML 91Page - STMicroelectronics STM32MP153D Datasheet HTML 92Page - STMicroelectronics STM32MP153D Datasheet HTML 93Page - STMicroelectronics STM32MP153D Datasheet HTML 94Page - STMicroelectronics STM32MP153D Datasheet HTML 95Page - STMicroelectronics STM32MP153D Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 254 page
background image
Port C
PC7
HDP4
-
TIM3_CH2
TIM8_CH2
DFSDM1_
DATIN3
-
I2S3_MCK
USART6_RX
PC8
TRACED0
-
TIM3_CH3
TIM8_CH3
-
-
UART4_TX
USART6_CK
PC9
TRACED1
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
-
-
PC10
TRACED2
-
-
DFSDM1_
CKIN5
--
SPI3_SCK/
I2S3_CK
USART3_TX
PC11
TRACED3
-
-
DFSDM1_
DATIN5
--
SPI3_MISO/
I2S3_SDI
USART3_RX
PC12
TRACECLK
MCO2
SAI4_D3
-
-
-
SPI3_MOSI/
I2S3_SDO
USART3_CK
PC13
----
----
PC14
----
----
PC15
----
----
Port D
PD0
-
-
I2C6_SDA
DFSDM1_
CKIN6
I2C5_SDA
-
SAI3_SCK_A
-
PD1
-
-
I2C6_SCL
DFSDM1_
DATIN6
I2C5_SCL
-
SAI3_SD_A
-
PD2
-
-
TIM3_ETR
-
I2C5_SMBA
-
UART4_RX
-
PD3
HDP5
-
-
DFSDM1_
CKOUT
-
SPI2_SCK/
I2S2_CK
DFSDM1_
DATIN0
USART2_CTS/
USART2_NSS
PD4
----
--
SAI3_FS_A
USART2_RTS/
USART2_DE
PD5
----
---
USART2_TX
Table 8. Alternate function AF0 to AF7(1) (continued)
Port
AF0AF1
AF2AF3
AF4AF5
AF6
AF7
HDP/SYS/RTC
TIM1/2/16/17/
LPTIM1/SYS/
RTC
SAI1/4/I2C6/
TIM3/4/5/12/
HDP/SYS
SAI4/I2C2/
TIM8/
LPTIM2/3/4/5/
DFSDM1
/SDMMC1
SAI4/
I2C1/2/3/4/5/
USART1/
TIM15/LPTIM2/
DFSDM1/CEC
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5/6/I2C1/
SDMMC1/3/
CEC
SPI3/I2S3/
SAI1/3/4/
I2C4/UART4/
DFSDM1
SPI2/I2S2/
SPI3/I2S3/
SPI6/
USART1/2/3/6/
UART7/
SDMMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com