Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 66Page - STMicroelectronics STM32MP153D Datasheet HTML 67Page - STMicroelectronics STM32MP153D Datasheet HTML 68Page - STMicroelectronics STM32MP153D Datasheet HTML 69Page - STMicroelectronics STM32MP153D Datasheet HTML 70Page - STMicroelectronics STM32MP153D Datasheet HTML 71Page - STMicroelectronics STM32MP153D Datasheet HTML 72Page - STMicroelectronics STM32MP153D Datasheet HTML 73Page - STMicroelectronics STM32MP153D Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
70/254
DS12502 Rev 3
V2
W4
AC7
AB6
PC4
I/O
FT_a
-
DFSDM1_CKIN2, I2S1_MCK,
SPDIFRX_IN3,
ETH1_GMII_RXD0/
ETH1_MII_RXD0/
ETH1_RGMII_RXD0/
ETH1_RMII_RXD0, EVENTOUT
ADC1_INP4,
ADC2_INP4
-
M8
-
P9
VDD
S
-
-
-
-
1D2
E8
P3
F7
VSS
S
-
-
-
-
1J3
R7
1J2
U9
VDD
S
-
-
-
-
-
-
Y9
V8
PF12
I/O
FT_ha
-
TRACED4, ETH1_GMII_RXD4,
FMC_A6, EVENTOUT
ADC1_INP6,
ADC1_INN2
1E4
-
-
-
VDDCORE
S
-
-
-
-
W4
U5
Y10
W8
PF11
I/O
FT_ha
-
SPI5_MOSI, SAI2_SD_B,
DCMI_D12, LCD_G5,
EVENTOUT
ADC1_INP2
-
E10
-
F8
VSS
S
-
-
-
-
W2
T6
AB8
Y9
PA7
I/O
FT_ha
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N, SAI4_D1,
SPI1_MOSI/I2S1_SDO,
SPI6_MOSI, TIM14_CH1,
QUADSPI_CLK,
ETH1_GMII_RX_DV/
ETH1_MII_RX_DV/
ETH1_RGMII_RX_CTL/
ETH1_RMII_CRS_DV,
SAI4_SD_A, EVENTOUT
ADC1_INP7,
ADC1_INN3,
ADC2_INP7,
ADC2_INN3
-
F12
-
J12
VDDCORE
S
-
-
-
-
W3
T5
AC8
W9
PA6
I/O
FT_ha
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SAI4_CK2,
SPI1_MISO/I2S1_SDI,
SPI6_MISO, TIM13_CH1,
MDIOS_MDC, SAI4_SCK_A,
DCMI_PIXCLK, LCD_G2,
EVENTOUT
ADC1_INP3,
ADC2_INP3
--
1H3
-
VDD
S
-
-
-
-
U4
T7
AB5
U10
PC0
I/O
FT_ha
-
DFSDM1_CKIN0, LPTIM2_IN2,
DFSDM1_DATIN4, SAI2_FS_B,
QUADSPI_BK2_NCS, LCD_R5,
EVENTOUT
ADC1_INP10,
ADC2_INP10
1G2 E12
P21
F16
VSS
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com