Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 79Page - STMicroelectronics STM32MP153D Datasheet HTML 80Page - STMicroelectronics STM32MP153D Datasheet HTML 81Page - STMicroelectronics STM32MP153D Datasheet HTML 82Page - STMicroelectronics STM32MP153D Datasheet HTML 83Page - STMicroelectronics STM32MP153D Datasheet HTML 84Page - STMicroelectronics STM32MP153D Datasheet HTML 85Page - STMicroelectronics STM32MP153D Datasheet HTML 86Page - STMicroelectronics STM32MP153D Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 254 page
background image
DS12502 Rev 3
83/254
STM32MP153A/D
Pinouts, pin description and alternate functions
118
C10
A9
B11
D13
PC7
I/O
FT_ha
-
HDP4, TIM3_CH2, TIM8_CH2,
DFSDM1_DATIN3, I2S3_MCK,
USART6_RX,
SDMMC1_D123DIR,
SDMMC2_D123DIR,
SDMMC2_D7, SDMMC1_D7,
DCMI_D1, LCD_G6, EVENTOUT
-
-
L9
-
M15
VDDCORE
S
-
-
-
-
A4
D10
B14
E13
PC6
I/O
FT_ha
-
HDP1, TIM3_CH1, TIM8_CH1,
DFSDM1_CKIN3, I2S2_MCK,
USART6_TX, SDMMC1_D0DIR,
SDMMC2_D0DIR, SDMMC2_D6,
SDMMC1_D6, DCMI_D0,
LCD_HSYNC, EVENTOUT
-
-
-
A14
F13
PF2
I/O
FT_h
-
I2C2_SMBA, SDMMC2_D0DIR,
SDMMC3_D0DIR,
SDMMC1_D0DIR, FMC_A2,
EVENTOUT
-
1A5 B10
D12
D12
PD2
I/O
FT_ha
-
TIM3_ETR, I2C5_SMBA,
UART4_RX, UART5_RX,
SDMMC1_CMD, DCMI_D11,
EVENTOUT
-
1G4 P10
-
-
VDD
S
-
-
-
-
-
P15
-
V16
VSS
S
-
-
-
-
-
-
1E6
-
VDDCORE
S
-
-
-
-
B8
B8
A13
B13
PA8
I/O
FT_fh
-
MCO1, TIM1_CH1, TIM8_BKIN2,
I2C3_SCL,
SPI3_MOSI/I2S3_SDO,
USART1_CK, SDMMC2_CKIN,
SDMMC2_D4,
OTG_FS_SOF/OTG_HS_SOF,
SAI4_SD_B, UART7_RX,
LCD_R6, EVENTOUT
-
1A4
C9
C13
A13
PB14
I/O
FT_h
-
TIM1_CH2N, TIM12_CH1,
TIM8_CH2N, USART1_TX,
SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2,
USART3_RTS/USART3_DE,
SDMMC2_D0, EVENTOUT
-
1B4 C10
D13
E12
PC12
I/O
FT_h
-
TRACECLK, MCO2, SAI4_D3,
SPI3_MOSI/I2S3_SDO,
USART3_CK, UART5_TX,
SAI4_SD_B, SDMMC1_CK,
DCMI_D9, EVENTOUT
-
K17
R2
1G5
V18
VSS
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com