Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 56Page - STMicroelectronics STM32MP153D Datasheet HTML 57Page - STMicroelectronics STM32MP153D Datasheet HTML 58Page - STMicroelectronics STM32MP153D Datasheet HTML 59Page - STMicroelectronics STM32MP153D Datasheet HTML 60Page - STMicroelectronics STM32MP153D Datasheet HTML 61Page - STMicroelectronics STM32MP153D Datasheet HTML 62Page - STMicroelectronics STM32MP153D Datasheet HTML 63Page - STMicroelectronics STM32MP153D Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
60/254
DS12502 Rev 3
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified, the pin function during and after reset is the same as the actual pin
name
Pin type
S
Supply pin
I
Input only pin
O
Output only pin
I/O
Input / output pin
A
Analog or special level pin
I/O structure
FT(U/D/PD)
5 V tolerant I/O (with fixed pull-up / pull-down / programmable pull-down)
TT
3.6 V tolerant I/O directly connected to DAC
DDR
1.5 V, 1.35 V or 1.2 V I/O for DDR3, DDR3L, LPDDR2/LPDDR3 interface
A
Analog signal
RST
Reset pin with weak pull-up resistor
Option for TT or FT I/Os
_f(1)
I2C FM+ option
_a(2)
Analog option (supplied by VDDA for the analog part of the I/O)
_u(3)
USB option (supplied by VDD3V3_USBxx for the USB part of the I/O)
_h(4)
High-speed output for 1.8V typ. VDD (for SPI, SDMMC, QUADSPI, TRACE)
_e(5)
Very-high-speed option for 1.8V typ. VDD (for ETH, SPI, SDMMC, QUADSPI,
TRACE)
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 7 are: FT_f, FT_fae, FT_fh, FT_fha, FT_uf
2. The related I/O structures in Table 7 are: FT_a, TT_a, FT_ae, FT_fae, FT_fha, FT_ha, TT_ha
3. The related I/O structures in Table 7 are: FT_u, FT_uf
4. The related I/O structures in Table 7 are: FT_h, FT_fh, FT_fha, FT_ha, TT_ha
5. The related I/O structures in Table 7 are: FT_e, FT_ae, FT_fae



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com