Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 72Page - STMicroelectronics STM32MP153D Datasheet HTML 73Page - STMicroelectronics STM32MP153D Datasheet HTML 74Page - STMicroelectronics STM32MP153D Datasheet HTML 75Page - STMicroelectronics STM32MP153D Datasheet HTML 76Page - STMicroelectronics STM32MP153D Datasheet HTML 77Page - STMicroelectronics STM32MP153D Datasheet HTML 78Page - STMicroelectronics STM32MP153D Datasheet HTML 79Page - STMicroelectronics STM32MP153D Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 254 page
background image
Pinouts, pin description and alternate functions
STM32MP153A/D
76/254
DS12502 Rev 3
U15 V17 AA18
Y16
PA11
I/O
FT_uf
-
TIM1_CH4, I2C6_SCL,
I2C5_SCL, SPI2_NSS/I2S2_WS,
UART4_RX,
USART1_CTS/USART1_NSS,
FDCAN1_RX, LCD_R4,
EVENTOUT
OTG_FS_DM
1C6 H12
1D3
-
VDDCORE
S
-
-
-
-
1F4 G10 AC23
-
VSS
S
-
-
-
-
-
W15 AA17 AB16
VDD3V3_
USBFS
S-
-
-
-
V16 U15 AC19
V15
OTG_VBUS
A
FT_u
-
-
OTG_FS_VBUS,
OTG_HS_VBUS
U16 T16
Y17
Y17
PA10
I/O
FT_u
-
TIM1_CH3, SPI3_NSS/I2S3_WS,
USART1_RX, MDIOS_MDIO,
SAI4_FS_B, DCMI_D1, LCD_B1,
EVENTOUT
OTG_FS_ID,
OTG_HS_ID
-
-
AB20 AB20
DDR_DQ27
I/O
DDR
-
-
-
1B9 E15
1A8
E18
VDDQ_DDR
S
-
-
-
-
-
-
AB21 AB21
DDR_DQ26
I/O
DDR
-
-
-
-
G12
-
J13
VSS
S
-
-
-
-
-
-
AC22 AA21
DDR_DQ28
I/O
DDR
-
-
-
1H4 G14
1A3
J17
VSS
S
-
-
-
-
-
-
AC21 AA20
DDR_DQ29
I/O
DDR
-
-
-
-
-
Y22
W20
DDR_DQ25
I/O
DDR
-
-
-
-
-
AB22
Y21
DDR_DQS3P
I/O
DDR
-
-
-
-
H5
-
J20
VSS
S
-
-
-
-
-
-
AB23
Y22
DDR_DQS3N
I/O
DDR
-
-
-
-
-
-
F17
VDDQ_DDR
S
-
-
-
-
-
-
AA20 AA22
DDR_DQM3
O
DDR
-
-
-
-
F14
1B7
-
VDDQ_DDR
S
-
-
-
-
-
-
AA22 W21
DDR_DQ31
I/O
DDR
-
-
-
-
H7
1A5
K3
VSS
S
-
-
-
-
-
-
AA23 W22
DDR_DQ30
I/O
DDR
-
-
-
U9
H9
1A7
K7
VSS
S
-
-
-
-
-
-
Y23
V22
DDR_DQ24
I/O
DDR
-
-
-
-
-
-
G16
VDDQ_DDR
S
-
-
-
-
Table 7. STM32MP153A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com