Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 139Page - STMicroelectronics STM32MP153D Datasheet HTML 140Page - STMicroelectronics STM32MP153D Datasheet HTML 141Page - STMicroelectronics STM32MP153D Datasheet HTML 142Page - STMicroelectronics STM32MP153D Datasheet HTML 143Page - STMicroelectronics STM32MP153D Datasheet HTML 144Page - STMicroelectronics STM32MP153D Datasheet HTML 145Page - STMicroelectronics STM32MP153D Datasheet HTML 146Page - STMicroelectronics STM32MP153D Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 254 page
background image
DS12502 Rev 3
143/254
STM32MP153A/D
Electrical characteristics
233
All timings are derived from tests performed under ambient temperature and VDD = 3.3 V.
Table 26. Low-power mode wakeup timings
Symbol
Parameter
System
mode
Conditions (after wakeup)
Typ(1)
Max(
1)
Unit
MPU wakeup
tWUCSLEEP_M
PU
MPU wakeup from
CSleep, MCU in CSleep
Run
HSE 24 MHz, SYSRAM
31
32
mpuss_
ck clock
cycles
tWUCSTOP_MP
U
MPU wakeup from
CStop, MCU in CStop
Stop
HSI 64 MHz, SYSRAM
5.7
9
µs
HSE + PLL 648 MHz, SYSRAM
112
220
MPU wakeup from
CStop, MCU in CRun
Run
HSI 64 MHz, SYSRAM
0.54
1
HSE + PLL 648 MHz, SYSRAM
0.083
0.17
tWULPLV-
Stop_MPU
MPU wakeup from
CStop with system in
LPLV-Stop (LVDS=1),
MCU in CStop
LPLV-
Stop
HSI 64 MHz, SYSRAM
410
640
MCU wakeup
tWUCSLEEP_M
CU
MCU wakeup from
CSleep, MPU in CSleep
Run
HSE 24 MHz, SRAM
6
7
mcu_ck
clock
cycles
tWULPLV-
Stop_MCU
MCU wakeup from
CStop with system in
LPLV-Stop (LVDS=1),
MPU in CStop
LPLV-
Stop
HSI 64 MHz, SRAM,
MCTMPSKP = 1
5.3
8
µs
HSI 64 MHz, SRAM,
MCTMPSKP = 0, PWR_LP
delay = 1 ms
1.4
2.2
ms
tWUCSTOP_
MCU
MCU wakeup from
CStop, MPU in CStop
Stop
HSI 64 MHz, SRAM
5.3
8
µs
tWUCSTOP_
MCU2
MCU wakeup from
CStop, HSI active
(HSIKERON=1), MPU in
CStop
Stop
(HSI
active)
HSI 64 MHz, SRAM
0.33
0.5
tWUCSTOP_
MCU3
MCU wakeup from
CStop, MPU in CRun
Run
HSI 64 MHz, SRAM
0.12
0.18
tWUSTANDBY_
MCU
MCU wakeup from
STANDBY
Standby HSI 64 MHz, RETRAM
2550
3000
1. Guaranteed by characterization results unless otherwise specified.
Table 27. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the
maximum USART/LPUART baud rate
allowing the wakeup from stop mode when
USART/LPUART clock source is HSI.
Stop
-
6.7
µs
LPLV-Stop
-
240.7(2)
µs
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com