Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 147Page - STMicroelectronics STM32MP153D Datasheet HTML 148Page - STMicroelectronics STM32MP153D Datasheet HTML 149Page - STMicroelectronics STM32MP153D Datasheet HTML 150Page - STMicroelectronics STM32MP153D Datasheet HTML 151Page - STMicroelectronics STM32MP153D Datasheet HTML 152Page - STMicroelectronics STM32MP153D Datasheet HTML 153Page - STMicroelectronics STM32MP153D Datasheet HTML 154Page - STMicroelectronics STM32MP153D Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 254 page
background image
DS12502 Rev 3
151/254
STM32MP153A/D
Electrical characteristics
233
4 MHz low-power internal RC oscillator (CSI)
32 kHz low-speed internal (LSI) RC oscillator
6.3.11
PLL characteristics
The parameters given in Table 38, Table 39, Table 40 are derived from tests performed
under temperature and VDD supply voltage conditions summarized in Table 13: General
operating conditions.
Table 36. CSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCSI(2)
CSI frequency
VDD = 3.3 V, TJ = 30 °C
3.98
4
4.02
MHz
TRIM
Trimming step
Trimming code is not a
multiple of 16
-0.85
1
%
Trimming code is a multiple of
16
-
-1.65
-
-
DuCy(CSI)
Duty Cycle
-
45
-
55
%
∆VDD (CSI) +
∆TEMP (CSI)(3)
CSI oscillator frequency drift over
VDD & drift over temperature
VDD = 1.71 to 3.6 V
TJ = 0 to 85 °C
-
±1.43
-
%
tsu(CSI)
CSI oscillator startup time
-
-
1.5
2.4
µs
tstab(CSI)
CSI oscillator stabilization time
(to reach ±5% of fCSI)
TJ = 0 to 85 °C
-
5
-
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
30
-
µA
1. Guaranteed by design.
2. Guaranteed by test in production.
3. Guaranteed by characterization results.
Table 37. LSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
TJ = 30 °C,(2)
VDD = 3.3 V
31.4
32
32.6
kHz
TJ = -40 to 125 °C,
VDD = 1.71 to 3.6 V
29
32
33.6
tsu(LSI)
LSI oscillator startup time (Time
between Enable rising and First
output clock edge.)
-
-
64
125
µs
tstab(LSI)
LSI oscillator stabilization time
(5% of final value)
--
110
170
IDD(LSI)
LSI oscillator power
consumption
-
-
120
230
nA
1. Guaranteed by design.
2. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com