Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 153Page - STMicroelectronics STM32MP153D Datasheet HTML 154Page - STMicroelectronics STM32MP153D Datasheet HTML 155Page - STMicroelectronics STM32MP153D Datasheet HTML 156Page - STMicroelectronics STM32MP153D Datasheet HTML 157Page - STMicroelectronics STM32MP153D Datasheet HTML 158Page - STMicroelectronics STM32MP153D Datasheet HTML 159Page - STMicroelectronics STM32MP153D Datasheet HTML 160Page - STMicroelectronics STM32MP153D Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 254 page
background image
DS12502 Rev 3
157/254
STM32MP153A/D
Electrical characteristics
233
Figure 21. PLL output clock waveforms in center spread mode
Figure 22. PLL output clock waveforms in down spread mode
6.3.13
Memory characteristics
OTP characteristics
The characteristics are given at TJ = -40 to 125 °C unless otherwise specified.
Frequency (PLL_OUT)
Time
F0
tmode
2xtmode
md
ai17291
md
Frequency (PLL_OUT)
Time
F0
tmode
2xtmode
2xmd
ai17292b
Table 42. OTP characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
IVDDCORE
OTP consumption on VDDCORE
Programming
-
450
µA
Reading
-
490
µA
PowerDown
-
4.2
µA
IVDD
OTP consumption on VDD
Programming
-
10000
µA
Reading
-
2200
µA
PowerDown
-
1
µA
FOTP (1)
OTP operating Frequency
-
-
67
MHz
NB_CYCLE (2)
Maximum number of reading cycles
-
-
500
Million
1. Guaranteed by design.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com