Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 166Page - STMicroelectronics STM32MP153D Datasheet HTML 167Page - STMicroelectronics STM32MP153D Datasheet HTML 168Page - STMicroelectronics STM32MP153D Datasheet HTML 169Page - STMicroelectronics STM32MP153D Datasheet HTML 170Page - STMicroelectronics STM32MP153D Datasheet HTML 171Page - STMicroelectronics STM32MP153D Datasheet HTML 172Page - STMicroelectronics STM32MP153D Datasheet HTML 173Page - STMicroelectronics STM32MP153D Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 254 page
background image
Electrical characteristics
STM32MP153A/D
170/254
DS12502 Rev 3
6.3.18
NRST and NRST_CORE pin characteristics
The NRST and NRST_CORE pins input driver uses CMOS technology. It is connected to a
permanent pull-up resistor, RPU (see Table 50: I/O static characteristics).
Unless otherwise specified, the parameters given in Table 56 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 13: General operating conditions.
01
Fmax(2)
Maximum frequency
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
55
MHz
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
71
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
85
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
100
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
6.1
ns
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
4.7
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
3.9
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V
-
3
10
Fmax(2)
Maximum frequency
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-68
MHz
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-95
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-118
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-162
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-4.9
ns
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-3.5
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-2.8
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-2.1
11
Fmax(2)
Maximum frequency
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-80
MHz
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-121
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-162
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-245
tr/tf(3)
Output high to low level
fall time and output low
to high level rise time
C = 50 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-4.2
ns
C = 30 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-2.8
C = 20 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-2.1
C = 10 pF, 1.71 V ≤ VDD ≤ 2.7 V(4)
-1.4
1. Guaranteed by design.
2. The maximum frequency is defined with the following conditions: (tr+tf) ≤ 2/3, skew ≤ 1/20 T and 45% < Duty cycle < 55%.
3. The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform,
respectively.
4. Compensation system enabled.
Table 55. Output timing characteristics (HSLV ON, _e IO structure)(1) (continued)
Speed
Symbol
Parameter
conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com