Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 191Page - STMicroelectronics STM32MP153D Datasheet HTML 192Page - STMicroelectronics STM32MP153D Datasheet HTML 193Page - STMicroelectronics STM32MP153D Datasheet HTML 194Page - STMicroelectronics STM32MP153D Datasheet HTML 195Page - STMicroelectronics STM32MP153D Datasheet HTML 196Page - STMicroelectronics STM32MP153D Datasheet HTML 197Page - STMicroelectronics STM32MP153D Datasheet HTML 198Page - STMicroelectronics STM32MP153D Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 254 page
background image
DS12502 Rev 3
195/254
STM32MP153A/D
Electrical characteristics
233
Table 76. ADC accuracy(1)(2)(3)(4)(5)(6)(7)
Symbol
Parameter
Conditions(8)
Min
Typ(9)
Max
Unit
ET(10)
Total
unadjusted
error
Single ended
BOOST = 1
-
±5
-
±LSB
BOOST = 0
-
±7
-
Differential
BOOST = 1
-
±6
-
BOOST = 0
-
±5
-
ED
Differential
linearity error
Single ended
BOOST = 1
-
3
-
BOOST = 0
-
1
-
Differential
BOOST = 1
-
8
-
BOOST = 0
-
2
-
EL
Integral
linearity error
Single ended
BOOST = 1
-
±6
-
BOOST = 0
-
±4
-
Differential
BOOST = 1
-
±6
-
BOOST = 0
-
±4
-
ENOB(11)
Effective
number of
bits
(2 MSPS)
Single ended
BOOST = 1
-
12.5
-
bits
BOOST = 0
-
12.75
-
Differential
BOOST = 1
-
13.3
-
BOOST = 0
-
13.7
-
SINAD(11)
Signal-to-
noise and
distortion
ratio
(2 MSPS)
Single ended
BOOST = 1
-
77.5
-
dB
BOOST = 0
-
78.75
-
Differential
BOOST = 1
-
82
-
BOOST = 0
-
84.2
-
SNR(11)
Signal-to-
noise ratio
(2 MSPS)
Single ended
BOOST = 1
-
77.6
-
BOOST = 0
-
79
-
Differential
BOOST = 1
-
82.4
-
BOOST = 0
-
84.3
-
THD(11)
Total
harmonic
distortion
Single ended
BOOST = 1
-
-85
-
BOOST = 0
-
-88
-
Differential
BOOST = 1
-
-90
-
BOOST = 0
-
-93
-
1. Guaranteed by characterization.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy versus negative injection current: injecting negative current on any analog input pins should be avoided as
this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to
add a Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
4. The above table gives the ADC performance in 16-bit mode.
5. Dual Simultaneous mode is limited to 12-bit.
6. Dual mode consisting in an injected conversion (reset) occurring during another (regular) conversion is forbidden.
7. Dual Interleaved 16-bit/14-bit/12-bit modes can work if the delay between the 2 ADCs is as specified in Table 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com