Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 205 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 201Page - STMicroelectronics STM32MP153D Datasheet HTML 202Page - STMicroelectronics STM32MP153D Datasheet HTML 203Page - STMicroelectronics STM32MP153D Datasheet HTML 204Page - STMicroelectronics STM32MP153D Datasheet HTML 205Page - STMicroelectronics STM32MP153D Datasheet HTML 206Page - STMicroelectronics STM32MP153D Datasheet HTML 207Page - STMicroelectronics STM32MP153D Datasheet HTML 208Page - STMicroelectronics STM32MP153D Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 254 page
background image
DS12502 Rev 3
205/254
STM32MP153A/D
Electrical characteristics
233
6.3.27
VBAT ADC monitoring characteristics and charging characteristics
6.3.28
Temperature and VBAT monitoring characteristics for
tamper detection
TVDD
CORE
Additional error due to VDDCORE
variation
--
10
-
°C/V
tTRIM
Calibration time
-
2
-
-
ms
tWAKE_UP
Wake-up time from off state until
DTS ready signal = 1
--
50
-
μs
IDDCORE_DTS DTS consumption on VDDCORE
--
20
-
µA
1. Guaranteed by design.
Table 83. DTS characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 84. VBAT ADC monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-
26
-
kΩ
QRatio on VBAT measurement
-
4
-
-
Er(1)
1. Guaranteed by design.
Error on Q
–10
-
+10
%
tS_vbat(1)
ADC sampling time when reading VBAT input
9.8
-
-
µs
Table 85. VBAT charging characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RBC
Battery charging resistor
VBRS in PWR_CR3= 0
-
5
-
kΩ
VBRS in PWR_CR3= 1
-
1.5
-
Table 86. Temperature and VBAT monitoring characteristics for temper detection
Symbol
Parameter
Min
Typ
Max
Unit
TEMPhigh
High temperature monitoring
105
116
126
oC
TEMPlow
Low temperature monitoring
-42
-31
-20
VBAThigh(1)
1. Monitored supply is VSW (i.e. VDD if VDD is present, VBAT otherwise)
High supply monitoring
3.47
3.59
3.73
V
VBATlow(1)
Low supply monitoring
1.3
1.34
1.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com