Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 234 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 234 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 230Page - STMicroelectronics STM32MP153D Datasheet HTML 231Page - STMicroelectronics STM32MP153D Datasheet HTML 232Page - STMicroelectronics STM32MP153D Datasheet HTML 233Page - STMicroelectronics STM32MP153D Datasheet HTML 234Page - STMicroelectronics STM32MP153D Datasheet HTML 235Page - STMicroelectronics STM32MP153D Datasheet HTML 236Page - STMicroelectronics STM32MP153D Datasheet HTML 237Page - STMicroelectronics STM32MP153D Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 254 page
background image
Package information
STM32MP153A/D
234/254
DS12502 Rev 3
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.1
TFBGA257 package information
This TFBGA is a 257 balls, 10x10 mm, 0.5/0.65 mm pitch, low profile fine pitch ball grid
array package
Figure 64. TFBGA - Outline
1. Drawing is not to scale.
B02Y_ME_V1
D
E
F1
e1
e2
F2
E2
E1
F1
e2
F2
D2
D1
K
H
D
A
B
C
E
F
G
J
L
M
N
P
R
U
T
V
W
A
B
1H
1D
1A
1B
1C
1E
1F
1G
1J
Peripheral ball matrix pitch 0.5 mm
Central ball matrix pitch 0.65 mm
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
16
17
18
19
1
2
3
4
5
6
7
8
9
A1 ball pad corner
b (257 balls)
eee M C A B
fff
M C
A
A1
A2
SEATING
PLANE
C
ddd C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com