Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 253 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 253 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 246Page - STMicroelectronics STM32MP153D Datasheet HTML 247Page - STMicroelectronics STM32MP153D Datasheet HTML 248Page - STMicroelectronics STM32MP153D Datasheet HTML 249Page - STMicroelectronics STM32MP153D Datasheet HTML 250Page - STMicroelectronics STM32MP153D Datasheet HTML 251Page - STMicroelectronics STM32MP153D Datasheet HTML 252Page - STMicroelectronics STM32MP153D Datasheet HTML 253Page - STMicroelectronics STM32MP153D Datasheet HTML 254Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 253 / 254 page
background image
DS12502 Rev 3
253/254
STM32MP153A/D
Revision history
253
04-Feb-2020
3
(continued)
Updated Table 7: STM32MP153A/D pin and ball
definitions.
Updated Table 8: Alternate function AF0 to AF7.
Updated Table 9: Alternate function AF8 to AF15.
Updated Table 10: Voltage characteristics.
Updated Table 12: Thermal characteristics.
Updated Table 13: General operating conditions.
Updated Table 20: Current consumption (IDDCORE) in
Run mode.
Updated Table 38: PLL1_1600, PLL2_1600
characteristics.
Updated Section 6.3.12: PLL spread spectrum clock
generation (SSCG) characteristics.
Updated Table 45: EMS characteristics.
Updated Table 46: EMI characteristics.
Updated Table 74: ADC characteristics.
Updated Table 78: DAC characteristics.
Updated Table 79: DAC accuracy.
Updated Table 80: VREFBUF characteristics.
Updated Table 109: Dynamics characteristics: Ethernet
MAC signals for RGMII.
Updated Figure 61: Ethernet RGMII timing diagram.
Updated Table 111: USB High-Speed PHY
characteristics.
Updated Table 112: Dynamics characteristics: JTAG
characteristics.
Updated Table 113: Dynamics characteristics: SWD
characteristics.
Updated Table 123: STM32MP153A/D ordering
information scheme.
Table 124. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com