Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  AVHT Datasheet HTML 1Page - Bourns Electronic Solutions AVHT Datasheet HTML 2Page - Bourns Electronic Solutions AVHT Datasheet HTML 3Page - Bourns Electronic Solutions AVHT Datasheet HTML 4Page - Bourns Electronic Solutions AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
AVHT Series - High Temperature Automotive Grade Varistors
How to Order
AV20K1210401NIR1HT
Series Designator
AV = AV Series
Maximum Continuous Working Voltage (Vrms)
20 = 20 VAC
Vn Tolerance
K = 10 %
Model Size
• 0805
• 1206
• 1210
• 1812
• 2220
Maximum Surge Current
• 121 = 120 A
• 401 = 400 A
• 122 = 1200 A
• 201 = 200 A
• 801 = 800 A
End Terminations
• NI = NiSn barrier type end terminations suitable for Pb and Pb-free reflow soldering
Packaging
R1 = 180 mm (7-inch) reel
R2 = 330 mm (13-inch) reel
Special Requirements
HT = High Temperature
Typical Part Marking
Instructions for Creating Orderable Part Number:
1) Start with base part number in characteristics table (example: AV20K1210401).
2) Add End Termination: NI standard (example part number becomes
AV20K1210401NI).
3) Add Packaging: R1 (example part number becomes AV20K1210401NIR1).
4) Add High Temperature Special Requirement: HT (example part number becomes
AV20K1210401NIR1HT).
4) Part number can have no spaces or lower case letters.
No marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com