Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Soldering Recommendations for SMD Components
Popular soldering techniques used for surface mounted components are Wave and Infrared Reflow processes. Both processes can be
performed with Pb-containing or Pb-free solders. The terminations for these soldering techniques are NiSn Barrier Type End
Terminations.
End Termination
Designation
Recommended and Suitable for
RoHS Compliant
NiSn End Termination
AVHT Series...Ni
Pb-containing and Pb-free soldering
Yes
Wave Soldering
This process is generally associated with discrete components mounted on the underside of printed circuit boards, or for large top-side
components with bottom-side mounting tabs to be attached, such as the frames of transformers, relays, connectors, etc. SMD varistors
to be wave soldered are first glued to the circuit board, usually with an epoxy adhesive. When all components on the PCB have been
positioned and an appropriate amount of time is allowed for adhesive curing, the completed assembly is then placed on a conveyor and
run through a single, double wave process.
Infrared Reflow Soldering
These reflow processes are typically associated with top-side component placement. This technique utilizes a mixture of adhesive and
solder compounds (and sometimes fluxes) that are blended into a paste. The paste is then screened onto PCB soldering pads specifi-
cally designed to accept a particular sized SMD component. The recommended solder paste wet layer thickness is 100 to 300 µm. Once
the circuit board is fully populated with SMD components, it is placed in a reflow environment, where the paste is heated to slightly above
its eutectic temperature. When the solder paste reflows, the SMD components are attached to the solder pads.
Solder Fluxes
Solder fluxes are generally applied to populated circuit boards to keep oxides from forming during the heating process and to facilitate
the flowing of the solder. Solder fluxes can be either a part of the solder paste compound or separate materials, usually fluids.
Recommended fluxes are:
• non-activated (R) fluxes, whenever possible
• mildly activated (RMA) fluxes of class L3CN
• class ORLO
Activated (RA), water soluble or strong acidic fluxes with a chlorine content > 0.2 wt. % are NOT RECOMMENDED. The use of such
fluxes could create high leakage current paths along the body of the varistor components.
When a flux is applied prior to wave soldering, it is important to completely dry any residual flux solvents prior to the soldering process.
Thermal Shock
To avoid the possibility of generating stresses in the varistor chip due to thermal shock, a preheat stage to within 100 °C of the peak sol-
dering process temperature is recommended. Additionally, SMD varistors should not be subjected to a temperature gradient greater than
4 °C/sec., with an ideal gradient being 2 °C/sec. Peak temperatures should be controlled. Wave and Reflow soldering conditions for SMD
varistors with Pb-containing solders are shown on the next page in Fig. 1 and 2 respectively, while Wave and Reflow soldering conditions
for SMD varistors with Pb-free solders are shown in Fig. 1 and 3.
Whenever several different types of SMD components are being soldered, each having a specific soldering profile, the soldering profile
with the least heat and the minimum amount of heating time is recommended. Once soldering has been completed, it is necessary to
minimize the possibility of thermal shock by allowing the hot PCB to cool to less than 50 °C before cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com