Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CDDFN5-0504N - TVS/Steering Diode Array
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
AVHT Series - High Temperature Automotive Grade Varistors
Packaging Specifications (Continued)
DIMENSIONS:
MM
(INCHES)
P1 ± 0.1
(P1 ± .004)
D1 B0
E2
A0
4 ± 0.1
(.157 ± .004)
1.5 +0.1/-0
(.059 +.004/-0)
8
(.315)
12
(.472)
20 ° MAX: W =
(NOTE A)
(NOTE A)
&
12
(.472)
10 ° MAX: W >
P2
DIA.
0.6
(.024)
MAX.
10 ° MAX.
COVER
TAPE
1.75 ± 0.1
(.069 ± .004)
F ± 0.05
(F ± .002)
W +0.3/-0.1
(W +.012/-.004)
B1
60 + 2.0
(2.362 + .079)
A - 2.0
(A - 0.79)
21 ± 0.8
(.827 ± .315)
2 ± 0.5
(.079 ± .020)
12.80 + 0.5
(.504 + .020)
W1
W2
W3
0.1
(.004)
MAX.
K0
T2
Reel
Dimension
Model Size
0805
1206
1210
1812
2220
A0
1.6
(.063)
1.9
(.075)
2.9
(.114)
3.75
(.148)
5.6
(.220)
B0
2.4
(.094)
3.75
(.148)
3.7
(.146)
5
(.197)
6.25
(.246)
K0 MAX.
1.1
(.043)
1.8
(.071)
2
(.079)
B1 MAX.
4.35
(.171)
8.2
(.323)
D1 DIA. MIN.
0.3
(.012)
1.5
(.059)
E2 MIN.
6.25
(.246)
10.25
(.404)
P1
4
(.157)
8
(.315)
Dimension
Model Size
0805
1206
1210
1812
2220
F
3.5
(.138)
5.5
(.217)
W
8.0
(.315)
12.0
(.480)
T2 MAX.
3.5
(.138)
6.5
(.256)
W1
8.4 ± 1.5
(.331 ± .059)
12.4 ± 2
(.488 ± .079)
W2 MAX.
14.4
(.567)
18.4
(.724)
W3
7.9 to 10.9
(.311 to .429)
11.9 to 15.4
(.469 to .606)
A DIA.
180/330
(7.087/12.992)
Series
Voltage Range (V)
Model Size
0805
1206
1210
1812
2220
AVHT
14
3500
2500
2500
1000
1000
17
3500
2500
2500
1000
1000
20 to 40
2500
2500
1000
1000
Packaging Quantities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com