Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Soldering Recommendations for SMD Components (Continued)
Inspection Criteria
When Wave or Infrared Reflow processes are used, the inspection criteria to determine acceptable solder joints will depend on several
key variables, principally termination material process profiles.
Pb-containing Wave and IR Reflow Soldering
Typical “before” and “after” soldering results for NiSn Barrier Type End Terminations can be seen in Fig. 4. NiSn Barrier Type varistors
form a reliable electrical contact and metallurgical bond between the end terminations and the solder pads. The bond between these two
metallic surfaces is exceptionally strong and has been tested by both vertical pull and lateral (horizontal) push tests. The results exceed
established industry standards for adhesion.
NiSn End Terminations
NiSn End Terminations
Fig. 4 Soldering Criteria for Wave and IR Reflow
Pb-containing Soldering
Fig. 5 Soldering Criteria for Wave and IR Reflow
Pb-free Soldering
NiSn End Terminations
NiSn End Terminations
Fig. 4 Soldering Criteria for Wave and IR Reflow
Pb-containing Soldering
Fig. 5 Soldering Criteria for Wave and IR Reflow
Pb-free Soldering
Pb-free Wave and IR Reflow Soldering
Solder forms a metallurgical junction with the entire volume of the end termination, i.e., it diffuses from pad to end termination across the
inner side, forming a “mirror” or “negative meniscus. The height of the solder penetration can be clearly seen on the end termination and
is always 30 % higher than the chip height.
Since barrier type terminations on Bourns® chips do not require the use of sometimes problematic nickel and tin-alloy electroplating
processes, these varistors are truly considered environmentally friendly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com