Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 16 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 16 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions AVHT Datasheet HTML 16Page - Bourns Electronic Solutions AVHT Datasheet HTML 17Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Term
Symbol
Definition
Rated AC Voltage .........................Vrms ..................Maximum continuous sinusoidal AC voltage (<5 % total harmonic distortion) which may be
applied to the component under continuous operation conditions at +25 °C
Rated DC Voltage.........................Vdc ....................Maximum continuous DC voltage (<5 % ripple) which may be applied to the component
under continuous operating conditions at +25 °C
Supply Voltage..............................V........................The voltage by which the system is designated and to which certain operating
characteristics of the system are referred; Vrms = 1.1 x V
Leakage Current...........................Idc......................The current passing through the varistor at Vdc and at +25 °C or at any other specified
temperature
Varistor Voltage ............................Vn......................Voltage across the varistor measured at a given reference current (In)
Reference Current........................In .......................Reference current = 1 mA DC
Clamping Voltage .........................Vc......................The peak voltage developed across the varistor under standard atmospheric conditions,
Protection Level
when passing an 8/20 µs class current pulse
Class Current................................Ic........................A peak value of current which is 1/10 of the maximum peak current for 100 pulses at two
per minute for the 8/20 µs pulse
Voltage Clamping Ratio................Vc/Vapp .............A figure of merit measure of the varistor clamping effectiveness as defined by the symbols
Vc/Vapp, where (Vapp = Vrms or Vdc)
Jump Start Transient ....................Vjump.................The jump start transient results from the temporary application of an overvoltage in excess
of the rated battery voltage. The circuit power supply may be subjected to a temporary
overvoltage condition due to the voltage regulation failing or it may be deliberately generated
when it becomes necessary to boost start the car.
Rated Single Pulse.......................Wmax.................Energy which may be dissipated for a single 10/1000 µs pulse of a maximum rated
Transient Energy
current, with rated AC voltage or rated DC voltage also applied, without causing device
failure
Load Dump Transient ...................WLD..................Load Dump is a transient which occurs in automotive environments. It is an exponentially
decaying positive voltage which occurs in the event of a battery disconnect while the alter-
nator is still generating charging current with other loads remaining on the alternator circuit
at the time of battery disconnect.
Rated Peak Single Pulse..............Imax...................Maximum peak current which may be applied for a single 8/20 µs pulse, with rated line
Transient Current
voltage also applied, without causing device failure
Rated Transient Average..............P........................Maximum average power which may be dissipated due to a group of pulses occurring
Power Dissipation
within a specified isolated time period, without causing device failure at 25 °C
Capacitance..................................C........................Capacitance between two terminals of the varistor measured @ 1 kHz
Non-linearity Exponent .................α........................A measure of varistor nonlinearity between two given operating currents, In and I1 as
described by I = k V exp(a), where:
- k is a device constant,
- I1 < I < In and
- a log (I1/In)/log(V1/Vn) = 1/log (V1/Vn), where:
- Ir is reference current (1 mA) and Vn is varistor voltage
- I1 = 10 In, V1 is the voltage measured at I1
Response Time.............................tr........................The time lag between application of a surge and varistor’s “turn-on” conduction action
Varistor Voltage Temperature .......TC .....................(Vn @ 85 °C - Vn @ 25 °C) / (Vn @ 25 °C) x 60 °C) x 100
Coefficient
Insulation Resistance ...................IR.......................Minimum resistance between shorted terminals and varistor surface
Isolation Voltage ......................................................The maximum peak voltage which may be applied under continuous operating conditions
between the varistor terminations and any conducting mounting surface
Operating Temperature..............................................The range of ambient temperature for which the varistor is designed to operate continuously
as defined by the temperature limits of its climatic category
Climatic Category .........................LCT/UCT/DHD..LCT & UCT = Lower and Upper Category Temperature - the minimum and maximum
ambient temperatures for which a varistor has been designed to operate continuously.
DHD = Dump Heat Test Duration
Storage Temperature...............................................Storage temperature range without voltage applied
Current/Energy Derating..........................................Derating of maximum values when operated above UCT
CDDFN5-0504N - TVS/Steering Diode Array
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
AVHT Series - High Temperature Automotive Grade Varistors
Terminology
REV. A 01/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com