Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AVHT Datasheet HTML 1Page - Bourns Electronic Solutions AVHT Datasheet HTML 2Page - Bourns Electronic Solutions AVHT Datasheet HTML 3Page - Bourns Electronic Solutions AVHT Datasheet HTML 4Page - Bourns Electronic Solutions AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Device Ratings
Model
Vrms
Vdc
Vn
@ 1 mA
Vjump
5 min.
Vc
Ic
8/20 µs
Imax
8/20 µs
Wmax
10/1000 µs
WLD
10 times
P
max.
Ctyp
@ 1 kHz
V
V
V
V
V
A
A
J
J
W
nF
12 V Power Supply
AV 14 K 0805 121 HT
14
16
24
24.5
40
1
120
0.3
1
0.008
0.44
AV 14 K 1206 201 HT
14
16
24
24.5
40
1
200
0.6
1.5
0.008
1.00
AV 14 K 1210 401 HT
14
16
24
24.5
40
2.5
400
1.6
3.
0.010
2.23
AV 14 K 1812 801 HT
14
16
24
24.5
40
5
800
2.4
6
0.015
4.50
AV 14 K 2220 122 HT
14
16
24
24.5
40
10
1200
5.8
12
0.030
10.00
AV 17 K 0805 121 HT
17
20
27
30
44
1
120
0.5
1
0.008
0.37
AV 17 K 1206 201 HT
17
20
27
30
44
1
200
1.1
1.5
0.008
0.81
AV 17 K 1210 401 HT
17
20
27
30
44
2.5
400
1.8
3
0.010
2.00
AV 17 K 1812 801 HT
17
20
27
30
44
5
800
2.9
6
0.015
3.80
AV 17 K 2220 122 HT
17
20
27
30
44
10
1200
7.2
12
0.030
8.00
24 V Power Supply
AV 20 K 1206 201 HT
20
26
22
30
54
1
200
1.6
1.5
0.008
0.78
AV 20 K 1210 401 HT
20
26
22
30
54
2.5
400
1.9
3
0.010
1.65
AV 20 K 1812 801 HT
20
26
22
30
54
5
800
3.0
6
0.015
3.30
AV 20 K 2220 122 HT
20
26
22
30
54
10
1200
8.0
12
0.030
7.00
AV 30 K 1206 201 HT
30
34
47
50
77
1
200
2.0
1.5
0.008
0.53
AV 30 K 1210 401 HT
30
34
47
50
77
2.5
400
2.3
3
0.010
1.10
AV 30 K 1812 801 HT
30
34
47
50
77
5
800
3.8
6
0.015
2.20
AV 30 K 2220 122 HT
30
34
47
50
77
10
1200
10.0
12
0.030
6.50
42 V Power Supply
AV 40 K 1206 201 HT
40
56
68
65
110
1
200
2.2
1.5
0.008
0.40
AV 40 K 1210 401 HT
40
56
68
65
110
2.5
400
2.6
3
0.010
0.90
AV 40 K 1812 801 HT
40
56
68
65
110
5
800
4.8
6
0.015
1.80
AV 40 K 2220 122 HT
40
56
68
65
110
10
1200
10.5
12
0.030
5.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com