Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  AVHT Datasheet HTML 1Page - Bourns Electronic Solutions AVHT Datasheet HTML 2Page - Bourns Electronic Solutions AVHT Datasheet HTML 3Page - Bourns Electronic Solutions AVHT Datasheet HTML 4Page - Bourns Electronic Solutions AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Pulse Rating Curves
Model Size 0805 - (AV 14 K 0805 121 HT ~ AV 17 K 0805 121 HT)
Protection Level
Model Size 0805 - (AV 14 K 0805 121 HT ~ AV 17 K 0805 121 HT)
Model Size 1206 - (AV 14 K 1206 201 HT ~ AV 40 K 1206 201 HT)
Model Size 1206 - (AV 14 K 1206 201 HT ~ AV 40 K 1206 201 HT)
1x
10
10
10
10
10
2
3
4
5
6
10
2
1x
10
10
10
10
10
2
3
4
5
6
10
2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5
10-4 10-3 10-2
10-1
100
102
101
103
104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5 10-4 10-3 10-2 10-1 100
102
101
103 104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
17
17
14
14
17
20
17
14
30
20
14
30
40
40
1x
10
10
10
10
10
2
3
4
5
6
10
2
1x
10
10
10
10
10
2
3
4
5
6
10
2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5
10-4 10-3 10-2
10-1
100
102
101
103
104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5 10-4 10-3 10-2 10-1 100
102
101
103 104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
17
17
14
14
17
20
17
14
30
20
14
30
40
40
1x
10
10
10
10
10
2
3
4
5
6
10
2
1x
10
10
10
10
10
2
3
4
5
6
10
2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5
10-4 10-3 10-2
10-1
100
102
101
103
104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5 10-4 10-3 10-2 10-1 100
102
101
103 104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
17
17
14
14
17
20
17
14
30
20
14
30
40
40
1x
10
10
10
10
10
2
3
4
5
6
10
2
1x
10
10
10
10
10
2
3
4
5
6
10
2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5
10-4 10-3 10-2
10-1
100
102
101
103
104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
I (Amps)
400
200
100
80
60
40
20
10
8
6
4
10-5 10-4 10-3 10-2 10-1 100
102
101
103 104
tp (µs)
101
102
103
5
102
5
101
5
100
5
10-1
5
5103
5104
5
10-2
17
17
14
14
17
20
17
14
30
20
14
30
40
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com