Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 4Page - Bourns Electronic Solutions AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Soldering Pad Configuration
L
W
t
0.5 ± 0.25
(.020 ± .010)
D
C
A
A
B
B
Size
Dimension
L
W
t (Max.)
A (Max.)
B
C
D
0805
2.0 ± 0.25
(.079 ± .010)
1.25 ± 0.20
(.049 ± .008)
1.1
(.043)
1.4
(.055)
1.2
(.047)
1.0
(.039)
3.4
(.134)
1206
3.2 ± 0.30
(.126 ± .012)
1.60 ± 0.20
(.063 ± .008)
1.6
(.063)
1.8
(.071)
1.2
(.047)
2.1
(.083)
4.5
(.177)
1210
3.2 ± 0.30
(.126 ± .012)
2.50 ± 0.25
(.984 ± .010)
1.8
(.071)
2.8
(.110)
1.2
(.047)
2.1
(.083)
4.5
(.177)
1812
4.7 ± 0.40
(.185 ± .016)
3.20 ± 0.30
(.126 ± .012)
1.9
(.075)
3.6
(.142)
1.5
(.059)
3.2
(.126)
6.2
(.244)
2220
5.7 ± 0.50
(.224 ± .020)
5.00 ± 0.40
(.197 ± .016)
1.9
(.075)
5.5
(.217)
1.5
(.059)
4.2
(.165)
7.2
(.283)
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Conforms to IEC Publication 286-3 Ed. 4: 2007-06
Tape
P1 ± 0.1
(P1 ± .004)
D1 B0
E2
A0
4 ± 0.1
(.157 ± .004)
1.5 +0.1/-0
(.059 +.004/-0)
8
(.315)
12
(.472)
20 ° MAX: W =
(NOTE A)
(NOTE A)
&
12
(.472)
10 ° MAX: W >
P2
DIA.
0.6
(.024)
MAX.
10 ° MAX.
COVER
TAPE
1.75 ± 0.1
(.069 ± .004)
F ± 0.05
(F ± .002)
W +0.3/-0.1
(W +.012/-.004)
B1
60 + 2.0
(2.362 + .079)
A - 2.0
(A - 0.79)
21 ± 0.8
(.827 ± .315)
2 ± 0.5
(.079 ± .020)
12.80 + 0.5
(.504 + .020)
W1
W2
W3
0.1
(.004)
MAX.
K0
T2
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com