Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  AVHT Datasheet HTML 1Page - Bourns Electronic Solutions AVHT Datasheet HTML 2Page - Bourns Electronic Solutions AVHT Datasheet HTML 3Page - Bourns Electronic Solutions AVHT Datasheet HTML 4Page - Bourns Electronic Solutions AVHT Datasheet HTML 5Page - Bourns Electronic Solutions AVHT Datasheet HTML 6Page - Bourns Electronic Solutions AVHT Datasheet HTML 7Page - Bourns Electronic Solutions AVHT Datasheet HTML 8Page - Bourns Electronic Solutions AVHT Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AVHT Series - High Temperature Automotive Grade Varistors
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
General Information
Almost all electronic systems in an automobile, e.g., anti-lock brake system, direct
ignition system, airbag control system, wiper motors, etc. are susceptible to damage
from destructive voltage transients. Bourns® AVHT Series multilayered varistors are
transient suppressors with temperature independent suppression characteristics
enabling protection from -55 °C to 150 °C.
AVHT Series varistors offer excellent transient energy distribution. AV varistors require
significantly less space and pad area than silicon TVS diodes, offering greater circuit
board layout flexibility for the designer.
Multilayered Varistor Symbol
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Index
Features...................................................... 1
General Information .................................... 1
MLV Symbol................................................ 1
Absolute Maximum Ratings........................ 1
Device Ratings............................................ 2
Product Dimensions.................................... 3
How to Order............................................... 4
Typical Part Marking ................................... 4
Protection Level/
Pulse Rating Curves ................................5-7
Soldering Pad Configuration....................... 8
Packaging Specifications ........................8-9
Soldering Recommendations for
SMD Components................................10-12
Reliability - Lifetime................................... 13
Reliability Testing Procedures..............14-15
Terminology............................................... 16
Legal Disclaimer........................................ 17
Features
n
Formerly a
product
n
Five model sizes available - 0805, 1206,
1210, 1812 and 2220
n
Supply voltages: 12 V, 24 V and 42 V
n
Broad range of current and energy handling
capabilities
n
Low clamping voltage - Vc
n
Non-sensitive to mildly activated fluxes
n
Non-plastic coating for better flammability
rating
n
+150 °C maximum continuous operating
temperature
n
Load Dump Energy up to 50 J available upon
request
n
RoHS compliant*
n
AEC-Q200 Grade 0 upon request
Absolute Maximum Ratings
Parameter
Value
Units
Continuous:
Steady State Applied Voltage
DC Voltage Range (Vdc)
16 to 56
V
Transient:
Load Dump Energy (WLD)
Jump Start Capability (5 minutes), (Vjump)
Peak Single Pulse Surge Current, 8/20 µs Waveform (Imax)
Single Pulse Surge Energy, 10/1000 µs Waveform (Wmax)
1 to 25 **
24.5 to 65
120 to 2000
0.3 to 30
J
V
A
J
Operating Ambient Temperature
-55 to +150
°C
Storage Temperature Range
-55 to +150
°C
Threshold Voltage Temperature Coefficient
< +0.05
%/°C
Response Time
< 2
ns
Climatic Category
55 / 150 / 56
** Load Dump Energy (WLD) up to 50 J available upon request.
U


Similar Part No. - AVHT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AVHT116 CIT-AVHT116 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
AVHT116 CIT-AVHT116 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
AVHT119 CIT-AVHT119 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
AVHT122 CIT-AVHT122 Datasheet
715Kb / 16P
Illuminated Pushbutton - 22, 25, 28 & 30mm
AVHT122 CIT-AVHT122 Datasheet
272Kb / 5P
UL Approved Illuminated Pushbutton
More results

Similar Description - AVHT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H080D050BA TDK-CGA2B2NP01H080D050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H102J050BA TDK-CGA2B2NP01H102J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H330J050BA TDK-CGA2B2NP01H330J050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA2B2NP01H390J050BA TDK-CGA2B2NP01H390J050BA Datasheet
130Kb / 1P
Automotive Grade ( High Temperature Application )
CGA3E2NP01H561J080AA TDK-CGA3E2NP01H561J080AA Datasheet
131Kb / 1P
Automotive Grade ( High Temperature Application )
logo
AVX Corporation
CANATL07RP AVX-CANATL07RP Datasheet
95Kb / 2P
High Temperature Low Leakage Automotive Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com