Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions AVHT Datasheet HTML 16Page - Bourns Electronic Solutions AVHT Datasheet HTML 17Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Reliability - Lifetime
Pb-free Wave and IR Reflow Soldering
In general, reliability is the ability of a component to perform and maintain its functions in routine circumstances, as well as in hostile or
unexpected circumstances.
The Mean life of the AV series is a function of:
• Factor of Applied Voltage
• Ambient Temperature
Mean life is closely related to Failure rate (formula).
Mean life (ML) is the arithmetic mean (average) time to failure of a component.
Failure rate is the frequency with which an engineered system or component fails, expressed, for example, in failures per hour. Failure
rate is usually time dependent, and an intuitive corollary is that the rate changes over time versus the expected life cycle of a system.
Failure rate formula - calculation
109
Λ
=
ML [h]
[fit]
FAV - Factor of Applied Voltage
Vapl
FAV =
Vmax
Vapl.............applied voltage
Vmax...........maximum operating voltage
Ta (°C)
AVHT Series
Mean Life on Arrhenius Model
120 100
80
60
40
20
104
105
106
107
108
1000
Years
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com