Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 14 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 14 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions AVHT Datasheet HTML 16Page - Bourns Electronic Solutions AVHT Datasheet HTML 17Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
AVHT Series - High Temperature Automotive Grade Varistors
Reliability Testing Procedures
Varistor test procedures comply with CECC 42200, IEC 1051-1/2 and AEC-Q200. Test results are available upon customer request.
Special tests can be performed upon customer request.
Reliability Parameter
Test
Tested According to
Condition to be
Satisfied after
Testing
AC/DC Bias Reliability
AC/DC Life Test
CECC 42200, Test 4.20 or
IEC 1051-1, Test 4.20,
AEC-Q200 Test 8 - 1000 h at UCT
|δVn (1 mA)| < 10 %
Pulse Current Capability
Imax 8/20 µs
CECC 42200, Test C 2.1 or
IEC 1051-1, Test 4.5
10 pulses in the same direction at
2 pulses per minute at maximum peak current for 10 pulses
|δVn (1 mA)| < 10 %
no visible damage
Pulse Energy Capability
Wmax 10/1000 µs
CECC 42200, Test C 2.1 or
IEC 1051-1, Test 4.5
10 pulses in the same direction at
1 pulse every 2 minutes at maximum peak current for 10
pulses
|δVn (1 mA)| < 10 %
no visible damage
WLD Capability
WLD x 10
ISO 7637, Test pulse 5, 10 pulses at rate of 1 per minute
|δVn (1 mA)| < 15 %
no visible damage
Vjump Capability
Vjump 5 min.
Increase of supply voltage to V ≥ Vjump for 1 minute
|δVn (1 mA)| < 15 %
no visible damage
Environmental and
Storage Reliability
Climatic Sequence
CECC 42200, Test 4.16 or
IEC 1051-1, Test 4.17
a) Dry heat, 16h, UCT, Test Ba, IEC 68-2-2
b) Damp heat, cyclic, the first cycle: 55 °C, 93 % RH, 24 h,
Test Db 68-2-4
c) Cold, LCT, 2 h, Test Aa, IEC 68-2-1
d) Damp heat cyclic, remaining 5 cycles: 55 °C, 93 % RH,
24 h/cycle, Test Bd, IEC 68-2-30
|δVn (1 mA)| < 10 %
Thermal Shock
CECC 42200, Test 4.12, Test Na, IEC 68-2-14,
AEC-Q200 Test 16, 5
|δVn (1 mA)| < 10 %
no visible damage
Steady State
Damp Heat
CECC 42200, Test 4.17, Test Ca, IEC 68-2-3,
AEC-Q200 Test 6, 56 days, 40 °C, 93 % RH,
AEC-Q200 Test 7: Bias, Rh, T all at 85.
|δVn (1 mA)| < 10 %
Storage Test
IEC 68-2-2, Test Ba, AEC-Q200 Test 3, 1000 h at maximum
storage temperature
|δVn (1 mA)| < 5 %
Continued on Next Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com