Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVHT Datasheet(PDF) 15 Page - Bourns Electronic Solutions

Part # AVHT
Description  High Temperature Automotive Grade Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AVHT Datasheet(HTML) 15 Page - Bourns Electronic Solutions

Back Button AVHT Datasheet HTML 9Page - Bourns Electronic Solutions AVHT Datasheet HTML 10Page - Bourns Electronic Solutions AVHT Datasheet HTML 11Page - Bourns Electronic Solutions AVHT Datasheet HTML 12Page - Bourns Electronic Solutions AVHT Datasheet HTML 13Page - Bourns Electronic Solutions AVHT Datasheet HTML 14Page - Bourns Electronic Solutions AVHT Datasheet HTML 15Page - Bourns Electronic Solutions AVHT Datasheet HTML 16Page - Bourns Electronic Solutions AVHT Datasheet HTML 17Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Reliability Testing Procedures (Continued)
Reliability Parameter
Test
Tested According to
Condition to be
Satisfied after
Testing
Mechanical Reliability
Solderability
CECC 42200, Test 4.10.1, Test Ta, IEC 68-2-20 solder bath
and reflow method
Solderable at
shipment and after
2 years of storage,
criteria: >95% must
be covered by solder
for reflow meniscus
Resistance to
Soldering Heat
CECC 42200, Test 4.10.2, Test Tb, IEC 68-2-20 solder bath
nad reflow method
|δVn (1 mA)| < 5 %
Terminal Strength JIS-C-6429, App. 1, 18N for 60 sec. - same for AEC-Q200
Test 22
No visual damage
Board Flex
JIS-C-6429, App. 2, 2 mm min.
AEC-Q200 test 21 - Board flex: 2 mm flex min.
|δVn (1 mA)| < 2 %
No visible damage
Vibration
CECC 42200, Test 4.15, Test Fc, IEC 68-2-6,
AEC-Q200 Test 14
Frequency range 10 to 55 Hz (AEC: 10-2000 Hz)
Amplitude 0.75 m/s2 or 98 m/s2 (AEC: 5 g for 20 minutes) To-
tal duration 6 h (3x2 h) (AEC: 12 cycles each of 3 directions)
Waveshape - half sine
|δVn (1 mA)| < 2 %
No visible damage
Mechanical Shock
CECC 42200, Test 4.14, Test Ea, IEC 68-2-27, AEC-Q200
Test 13.
Acceleration = 490 m/s2 (AEC: MIL-STD-202-Method 213),
Pulse duration = 11 ms,
Waveshape - half sine; Number of shocks = 3x6
|δVn (1 mA)| < 10 %
No visible damage
Electrical Transient
Conduction
ISO-7637-1 Pulses AEC-Q200 Test 30: Test pulses 1 to 3.
Also other pulses - freestyle.
|δVn (1 mA)| < 10 %
No visible damage
3312 - 2 mm SMD Trimming Potentiometer
AVHT Series - High Temperature Automotive Grade Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com